Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8940CGEFL/RV Datasheet(PDF) 80 Page - Cirrus Logic

Part # WM8940CGEFL/RV
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/RV Datasheet(HTML) 80 Page - Cirrus Logic

Back Button WM8940CGEFL/RV Datasheet HTML 76Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 77Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 78Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 79Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 80Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 81Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 82Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 83Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 84Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
WM8940
80
Rev 4.4
DIGITAL FILTER CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Filter
Passband
+/- 0.025dB
0
0.454fs
-6dB
0.5fs
Passband Ripple
+/- 0.025
dB
Stopband
0.546fs
Stopband Attenuation
f > 0.546fs
-60
dB
Group Delay
21/fs
ADC High Pass Filter
High Pass Filter Corner
Frequency
-3dB
3.7
Hz
-0.5dB
10.4
-0.1dB
21.6
DAC Filter
Passband
+/- 0.035dB
0
0.454fs
-6dB
0.5fs
Passband Ripple
+/-0.035
dB
Stopband
0.546fs
Stopband Attenuation
f > 0.546fs
-55
dB
Group Delay
29/fs
Table 61 Digital Filter Characteristics
TERMINOLOGY
1.
Stop Band Attenuation (dB)
– the degree to which the frequency spectrum is attenuated (outside audio band)
2.
Pass-band Ripple
– any variation of the frequency response in the pass-band region
3.
Note that this delay applies only to the filters and does not include additional delays through other digital circuits. See Table 62
for the total delay.
PARAMETER
MIN
TYP
MAX
UNIT
Total Delay (ADC analogue
input to digital audio interface
output)
28/fs
30/fs
32/fs
fs
Total Delay (Audio interface
input to DAC analogue
output)
33/fs
35/fs
37/fs
fs
Table 62 Total Group Delay
Note:
1.
Wind noise filter is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com