Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N2L Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 29Page - Renesas Technology Corp N2L Datasheet HTML 30Page - Renesas Technology Corp N2L Datasheet HTML 31Page - Renesas Technology Corp N2L Datasheet HTML 32Page - Renesas Technology Corp N2L Datasheet HTML 33Page - Renesas Technology Corp N2L Datasheet HTML 34Page - Renesas Technology Corp N2L Datasheet HTML 35Page - Renesas Technology Corp N2L Datasheet HTML 36Page - Renesas Technology Corp N2L Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 127 page
background image
2.
Electrical Characteristics
Electrical characteristics of this LSI is defined with the following conditions unless otherwise described.
Conditions:
VDD = 1.05 to 1.15 V
VCC18 = VCC1833_n (1.8-V mode) = VCC18_PLL0 = VCC18_PLL1 = VCC18_USB = AVCC18_USB = VCC18_ADC0
= VCC18_ADC1 = AVCC18_TSU = VREFH0 = VREFH1= 1.70 to 1.95 V
VCC33 = VCC1833_n (3.3-V mode) = VCC33_USB = 3.135 to 3.465 V
VSS = VSS_USB = 0 V
Tj = −40 to 125ºC
2.1
Absolute Maximum Ratings
Table 2.1
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Power supply voltage (3.3-V mode)
VCC33,
VCC1833_0,
VCC1833_1,
VCC1833_2,
VCC1833_3,
VCC1833_4
−0.3 to +3.8
V
Power supply voltage (1.8-V mode)
(VCC18)
VCC1833_0
VCC1833_1,
VCC1833_2,
VCC1833_3,
VCC1833_4
−0.3 to +2.5
V
Power supply voltage
VDD
−0.3 to +1.5
V
Input voltage
Vin (3.3-V logic)
−0.3 to VCC33 + 0.3
V
Input voltage
Vin (1.8-V logic)
−0.3 to VCC18 + 0.3
V
Analog power supply voltage
VCC18_PLL0,
VCC18_PLL1,
VCC18_USB,
AVCC18_USB,
VCC18_ADC0,
VCC18_ADC1,
AVCC18_TSU*1
−0.3 to smaller value of VCC18*2
+ 0.3 or 2.5
V
VCC33_USB
−0.3 to smaller value of VCC33 +
0.3 or 3.8
V
Voltage difference between power supply pins
VCC33-VCC18
-2.5 to + 2.1
V
Analog input voltage
VAN
−0.3 to smaller value of
VCC18_ADC0/1 + 0.3 or 2.5
V
Reference voltage
VREFH0, VREFH1
−0.3 to smaller value of
VCC18_ADC0/1 + 0.3 or 2.5
V
Crystal oscillator pins input voltage
XTAL, EXTAL
−0.3 to +1.5
V
Operating temperature (Junction temperature)
Tj
−40 to +125
ºC
Storage temperature
Tstg
−55 to +125
ºC
Note 1. Connect Analog power supply pins to VCC18 when Analog block(s) are not used. Do not leave these pins open.
Note 2. For convention, "VCC18" virtually represents any 1.8-V power supplies of the chip such as VCC1833_n in 1.8-V mode.
Caution: Permanent damage to the LSI might result if absolute maximum ratings are exceeded.
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 33 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com