Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N2L Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 14Page - Renesas Technology Corp N2L Datasheet HTML 15Page - Renesas Technology Corp N2L Datasheet HTML 16Page - Renesas Technology Corp N2L Datasheet HTML 17Page - Renesas Technology Corp N2L Datasheet HTML 18Page - Renesas Technology Corp N2L Datasheet HTML 19Page - Renesas Technology Corp N2L Datasheet HTML 20Page - Renesas Technology Corp N2L Datasheet HTML 21Page - Renesas Technology Corp N2L Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 127 page
background image
Table 1.18
Pin functions (5 of 7)
Classification
Pin name
I/O
Description
Ethernet switch (ETHSW)
ETHSW_LPI0
Output
Port 0 MAC status indicates that it is currently receiving
low-power-idle sequences from the PHY
ETHSW_LPI1
Output
Port 1 MAC status indicates that it is currently receiving
low-power-idle sequences from the PHY
ETHSW_LPI2
Output
Port 2 MAC status indicates that it is currently receiving
low-power-idle sequences from the PHY
ETHSW_PTPOUT0 to
ETHSW_PTPOUT3
Output
Ethernet switch timer pulse output pins
ETHSW_TDMAOUT0 to
ETHSW_TDMAOUT3
Output
Ethernet switch TDMA timer output pins
ETHSW_PHYLINK0 to
ETHSW_PHYLINK2
Input
Ethernet switch PHY link status input pins
ETHSW_MDC
Output
Management data clock output pin
ETHSW_MDIO
I/O
Management data I/O pin
EtherCAT slave controller
(ESC)
ESC_LEDRUN
Output
Outputs the EtherCAT RUN LED signal
ESC_IRQ
Output
Outputs the EtherCAT IRQ signal
ESC_LEDSTER
Output
Outputs the EtherCAT Dual-color state LED signal
ESC_LEDERR
Output
Outputs the EtherCAT error LED signal
ESC_LINKACT0 to ESC_LINKACT2
Output
Output the EtherCAT link/activity LED signal
ESC_SYNC0, ESC_SYNC1
Output
Output the EtherCAT SYNC signal
ESC_LATCH0, ESC_LATCH1
Input
Input the EtherCAT LATCH signal
ESC_RESETOUT#
Output
Output the EtherCAT reset signal
ESC_I2CCLK
Output
Outputs the EtherCAT EEPROM I2C clock signal
ESC_I2CDATA
I/O
Inputs and outputs the EtherCAT EEPROM I2C data
signal
ESC_PHYLINK0 to ESC_PHYLINK2
Input
Inputs the EtherCAT PHY link status signal.
ESC_MDC
Output
Management data clock output pin
ESC_MDIO
I/O
Management data I/O pin
USB 2.0 host/function
module
VCC33_USB
Input
Power supply input pin for USB
VCC18_USB
Input
Power supply input pin for USB
VSS_USB
Input
Ground input pins for USB
AVCC18_USB
Input
Analog power supply input pin for USB
USB_RREF
Input
Reference current input pin for USB. Connect this pin
to the VSS_USB pin with 1.8 kΩ (±1%).
USB_DP
I/O
USB bus D+ data I/O pin
USB_DM
I/O
USB bus D- data I/O pin
USB_VBUSEN
Output
Outputs the VBUS power enable signal for USB
USB_OVRCUR
Input
Inputs the overcurrent signal for USB
USB_VBUSIN
Input
USB cable connection/disconnection detection input
pin
USB_EXICEN
Output
OTG power supply IC control pin
USB_OTGID
Input
OTG ID pin
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 18 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com