Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N2L Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 33Page - Renesas Technology Corp N2L Datasheet HTML 34Page - Renesas Technology Corp N2L Datasheet HTML 35Page - Renesas Technology Corp N2L Datasheet HTML 36Page - Renesas Technology Corp N2L Datasheet HTML 37Page - Renesas Technology Corp N2L Datasheet HTML 38Page - Renesas Technology Corp N2L Datasheet HTML 39Page - Renesas Technology Corp N2L Datasheet HTML 40Page - Renesas Technology Corp N2L Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 127 page
background image
Table 2.5
DC Characteristics (1.8-V mode) (2 of 2)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Low-level voltage
VOL18
Low, IOL = 2 mA
—
—
0.45
V
VOL18
Middle, IOL = 4 mA
—
—
0.45
V
VOL18
High, IOL = 8 mA
—
—
0.45
V
VOL18
Ultra High, IOL = 12 mA
—
—
0.45
V
Input leakage current
|Iin|
Vin = 0 V, Vin = VCC18
—
—
10
µA
Three-State leakage current (off state)
|ITSI|
Vin = 0 V, Vin = VCC18
—
—
10
µA
Input Pull-up resistors resistance
Rpu
Vin = 0 V
15
—
300
kΩ
Input Pull-up resistors current
Ipu
Vin = 0 V
-120
—
-6
µA
Input Pull-down resistors resistance
Rpd
Vin = VCC18
15
—
300
kΩ
Input Pull-down resistors current
Ipd
Vin = VCC18
6
—
120
µA
Input Capacitance
Cin
All input/output and input pins
—
—
10
pF
Table 2.6
USB2.0 USB_RREF Pin
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reference resistor*1
RREF
—
1.8 (±1%)
kΩ
Note 1. The reference resistor connected to the USB_RREF pin is for external connection to this LSI.
Table 2.7
USB2.0 Pull-Up/Pull-Down Resistors
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
USB_DP pull-up resistor
(when the function controller is selected)
RPU
Idle
0.900
—
1.575
kΩ
Transmission/reception
1.425
—
3.090
kΩ
USB_DP/USB_DM pull-down resistors
(when the host controller is selected)
RPD
—
14.25
—
24.80
kΩ
Table 2.8
USB2.0 Host/Function-Related Pins (Low/Full Speed)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input high level voltage
VFSIH
—
2.0
—
—
V
Input low level voltage
VFSIL
—
—
—
0.8
V
Differential input sensitivity
VFSDI
|(USB_DP) − (USB_DM)|
0.2
—
—
V
Differential common mode range
VFSCM
—
0.8
—
2.5
V
Output low level voltage
VFSOL
IFSOL = 2 mA
0.0
—
0.3
V
Output high level voltage
VFSOH
IFSOH = −200 µA
2.8
—
3.6
V
Output signal crossover voltage
VFSCRS
—
1.3
—
2.0
V
Table 2.9
USB2.0 Host/Function-Related Pins (High Speed) (1 of 2)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Squelch detection threshold voltage
(differential voltage)
VHSSQ
—
100
—
150
mV
Disconnection detection threshold
voltage (differential voltage)
VHSDSC
—
525
—
625
mV
Common mode voltage range
VHSCM
—
−50
—
500
mV
Idle state
VHSOI
—
−10.0
—
10.0
mV
Output high level voltage
VHSOH
—
360
—
440
mV
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 37 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com