Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N2L Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 89Page - Renesas Technology Corp N2L Datasheet HTML 90Page - Renesas Technology Corp N2L Datasheet HTML 91Page - Renesas Technology Corp N2L Datasheet HTML 92Page - Renesas Technology Corp N2L Datasheet HTML 93Page - Renesas Technology Corp N2L Datasheet HTML 94Page - Renesas Technology Corp N2L Datasheet HTML 95Page - Renesas Technology Corp N2L Datasheet HTML 96Page - Renesas Technology Corp N2L Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 127 page
background image
Table 2.37
ΔΣ interface timing
Parameter
Symbol
Min.
Max.
Unit
Reference figure
DSMIF
Clock cycle
Master
tDScyc
40
200
ns
Figure 2.78
Slave
40
200
Clock high level
Master
tDSCKWH
16
—
ns
Slave
16
—
Clock low level
Master
tDSCKWL
16
—
ns
Slave
16
—
Setup time
Master
tSU
15
—
ns
Figure 2.79, Figure 2.80
Slave
10
—
Hold time
Master
tH
0
—
ns
Slave
10
—
MCLKn
(n = 0 to 5)
tDScyc
tDSCKWH
tDSCKWL
Figure 2.78
Clock input/output timing
MCLKn
(input or output)
tSU
n = 0 to 5
MDATn
(input)
tH
Figure 2.79
Reception timing (MCLKn rising synchronous)
MCLKn
(input or output)
tSU
MDATn
(input)
tH
Figure 2.80
Reception timing (MCLKn falling synchronous)
2.5.5.14
Ethernet Interface Timing
Conditions:
VOH = VCC18 × 0.5, VOL = VCC18 × 0.5, C = 15 pF (RGMII)
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 93 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com