Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5585ACBZ-00-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADP5585ACBZ-00-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACBZ-00-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADP5585ACBZ-00-R7 Datasheet HTML 32Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 33Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 34Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 35Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 36Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 37Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 38Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 39Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
ADP5585
Data Sheet
Rev. C | Page 38 of 40
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADP5585ACBZ-00-R7
−40°C to +85°C
16-Ball Wafer Level Chip Scale Package [WLCSP]
CB-16-10
ADP5585ACBZ-01-R7
−40°C to +85°C
16-Ball Wafer Level Chip Scale Package [WLCSP]
CB-16-10
ADP5585ACBZ-02-R7
−40°C to +85°C
16-Ball Wafer Level Chip Scale Package [WLCSP]
CB-16-10
ADP5585ACBZ-04-R7
−40°C to +85°C
16-Ball Wafer Level Chip Scale Package [WLCSP]
CB-16-10
ADP5585ACPZ-00-R7
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-16-22
LJM
ADP5585ACPZ-01-R7
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-16-22
LJN
ADP5585ACPZ-03-R7
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-16-22
LJP
ADP5585CP-EVALZ
LFCSP Evaluation Board
CP-16-22
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com