Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5585ACBZ-00-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5585ACBZ-00-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACBZ-00-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5585ACBZ-00-R7 Datasheet HTML 1Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 2Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 3Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 4Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 5Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 6Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 7Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 8Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
ADP5585
Rev. C | Page 5 of 40
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VDD to GND
−0.3 V to +4 V
SCL, SDA, RST, INT, R0, R1, R2, R3, R4,
C0, C1, C2, C3, C4 to GND
−0.3 V to (VDD + 0.3 V)
Temperature Range
Operating (Ambient)
−40°C to +85°C1
Operating (Junction)
−40°C to +125°C
Storage
−65°C to +150°C
1
In applications where high power dissipation and poor thermal resistance
are present, the maximum ambient temperature may need to be derated.
Maximum ambient temperature (TA(MAX)) is dependent on the maximum
operating junction temperature (TJ (MAXOP) = 125°C), the maximum power
dissipation of the device (PD(MAX)), and the junction-to-ambient thermal
resistance of the device/package in the application (θJA), using the following
equation: TA (MAX) = TJ (MAXOP) − (θJA × PD (MAX)).
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all other voltages are
referenced to GND.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a printed circuit board (PCB) for surface-mount
packages.
Table 3.
Thermal Resistance
θJA
Unit
16-Ball WLCSP
62
°C/W
Maximum Power Dissipation
70
mW
16-Lead LFCSP
67.154
°C/W
Maximum Power Dissipation
70
mW
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com