Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5585ACBZ-00-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5585ACBZ-00-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACBZ-00-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5585ACBZ-00-R7 Datasheet HTML 2Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 3Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 4Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 5Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 6Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 7Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 8Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 9Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADP5585
Data Sheet
Rev. C | Page 6 of 40
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
INT
RST/R5
1
A
B
C
D
23
4
C1
R2
VDD
C2
SDA
R4
C3
R1
SCL
C4
R0
GND
C0
R3
BALL A1
CORNER
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
12
11
10
1
3
4
VDD
RST(R5)
C4
9
C3
R4
R2
2
R3
R1
TOP VIEW
Not to Scale
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED.
IT IS RECOMMENDED TO CONNECT THE
EXPOSED PAD TO GROUND FOR THERMAL
DISSIPATION.
Figure 3. WLCSP Pin Configuration
Figure 4. LFCSP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
WLCSP
LFCSP
Mnemonic
Description
D1
1
R4
GPIO 5 (GPIO Alternate Function: RESET1). This pin functions as Row 4 when used as a keypad.
D2
2
R3
GPIO 4 (GPIO Alternate Function: Logic Block Input LC, PWM_OUT). This pin functions as Row 3
when used as a keypad.
C1
3
R2
GPIO 3 (GPIO Alternate Function: Logic Block Input LB). This pin functions as Row 2 when used as a
keypad.
C2
4
R1
GPIO 2 (GPIO Alternate Function: Logic Block Input LA). This pin functions as Row 1 when used as a
keypad.
B1
5
R0
GPIO 1 (GPIO Alternate Function: Logic Block Output LY). This pin functions as Row 0 when used as a
keypad.
B4
6
C0
GPIO 7. This pin functions as Column 0 when used as a keypad.
C3
7
C1
GPIO 8. This pin functions as Column 1 when used as a keypad.
C4
8
C2
GPIO 9. This pin functions as Column 2 when used as a keypad.
D3
9
C3
GPIO 10 (GPIO Alternate Function: PWM_IN). This pin functions as Column 3 when used as a keypad.
D4
10
C4
GPIO 11 (GPIO Alternate Function: RESET2). This pin functions as Column 4 when used as a keypad.
B3
11
RST/R5
Input Reset Signal. To expand the keypad matrix, select the ADP5585ACBZ-01-R7 or the
ADP5585ACPZ-01-R7 device model for this pin to function as GPIO 6/Row 5.
A1
12
VDD
Supply Voltage Input.
A4
13
GND
Ground.
A2
14
SDA
I2C Data Input/Output.
A3
15
SCL
I2C Clock Input.
B2
16
INT
Open-Drain Interrupt Output.
EP
EP
Exposed Pad. The exposed pad is not connected. It is recommended to connect the exposed pad to
ground for thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com