Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5585ACBZ-00-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5585ACBZ-00-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACBZ-00-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5585ACBZ-00-R7 Datasheet HTML 10Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 11Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 12Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 13Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 14Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 15Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 16Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 17Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
ADP5585
Data Sheet
Rev. C | Page 14 of 40
RESET BLOCKS
ADP5585 features two reset blocks that can generate reset con-
ditions if certain events are detected simultaneously. Up to three
reset trigger events can be programmed for RESET1. Up to two
reset trigger events can be programmed for RESET2. The event
scan control blocks monitor whether these events are present for
the duration of RESET_TRIG_TIME[2:0] (Register 0x2E,
Bits[4:2]). If they are, reset-initiate signals are sent to the reset
generator blocks. The generated reset signal pulse width is
programmable.
RESET_PULSE_WIDTH[1:0]
RESET_TRIG_TIME[2:0]
RESET1_EVENT_A[7:0]
RESET1_EVENT_B[7:0]
RESET1_EVENT_C[7:0]
KEY
SCAN
CONTROL
RST_PASSTHRU_EN
RST
(R4)
RESET1
GPI
SCAN
CONTROL
LOGIC
BLOCK
CONTROL
RESET2_EVENT_A[7:0]
RESET2_EVENT_B[7:0]
(C4)
RESET2
RESET1_
INITIATE
RESET2_
INITIATE
RESET
GEN 2
RESET
GEN 1
Figure 21. Reset Blocks
The Reset 1 signal uses the R4 I/O pin as its output. A pass
through mode allows the main RST pin to be output on the R4
pin also. The Reset 2 signal uses the C4 I/O pin as its output.
The reset generation signals are useful in situations where the
system processor has locked up and the system is unresponsive
to input events. The user can press one of the reset event combi-
nations and initiate a system wide reset. This alleviates the need
for removing the battery from the system and doing a hard reset.
It is not recommended to use the immediate trigger time (see
Table 54) because this setting may cause false triggering.
Interrupts
The INT pin can be asserted low if any of the internal interrupt
sources is active. The user can select which internal interrupts
interact with the external interrupt pin in Register 0x3C (refer
to Table 68). Register 0x3B allows the user to choose whether
the external interrupt pin remains asserted, or deasserts for
50 µs, then reasserts, in the case that there are multiple internal
interrupts asserted and one is cleared (refer to Table 67).
EVENT_INT
EVENT_IEN
INT DRIVE
INT
INT_CFG
GPI_INT
GPI_IEN
LOGIC_INT
LOGIC_IEN
OVRFLOW_INT
OVRFLOW_IEN
Figure 22. Asserting INT Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com