Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1129MB Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # F1129MB
Description  50Ω SE-In – 100Ω DIFF-Out Amplifier 3.0GHz to 4.2GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1129MB Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button F1129MB Datasheet HTML 13Page - Renesas Technology Corp F1129MB Datasheet HTML 14Page - Renesas Technology Corp F1129MB Datasheet HTML 15Page - Renesas Technology Corp F1129MB Datasheet HTML 16Page - Renesas Technology Corp F1129MB Datasheet HTML 17Page - Renesas Technology Corp F1129MB Datasheet HTML 18Page - Renesas Technology Corp F1129MB Datasheet HTML 19Page - Renesas Technology Corp F1129MB Datasheet HTML 20Page - Renesas Technology Corp F1129MB Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
F1129MB Datasheet
© 2019 Renesas Electronics Corporation
17
January 31, 2021
Evaluation Kit Circuit
Figure 25. Evaluation Kit Electrical Schematic
Table 7.
Evaluation Kit Bill of Material (BOM)
Part Reference
QTY
Description
Manufacturer Part #
Manufacturer
C1,R6,R3,R4
4
0 ohm Jumper 1/10W (0402)
ERJ2GE0R00X
Panasonic
C9
1
1000pF C0G 50v (0402)
GRM1555C1H102J
Murata
C8
1
100pF C0G 50v (0402)
GRM1555C1H101J
Murata
L1
1
10pF C0G 50v (0402)
GRM1555C1H100J
Murata
L4
1
1.0nH ±0.3 (0402)
LQG15HS1N0S02
Murata
C12,C13
2
5pF NP0 50V (0402)
GRM1555C1H50BA01D
Murata
J5
1
CONN HEADER VERT 1x3 POS 2.54MM
61300311121
Würth Elektronik
J1,J2, J3, J4, J6, J7,
J8, J9
8
SMA Edge Mount
142-0701-851
Cinch Connectivity
C10,C11,C14,C2,,C3,C
4,C5,C6,R1,R2,R5,R7
0
Do not install
U1
1
F1129MB 50Ω SE-In – 100Ω DIFF-Out Amplifier
F1129MBNELI
IDT Renesas
1
Printed Circuit Board
F1129 EVKIT DIFF Rev.02
Vector Fab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com