Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1129MB Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # F1129MB
Description  50Ω SE-In – 100Ω DIFF-Out Amplifier 3.0GHz to 4.2GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1129MB Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button F1129MB Datasheet HTML 14Page - Renesas Technology Corp F1129MB Datasheet HTML 15Page - Renesas Technology Corp F1129MB Datasheet HTML 16Page - Renesas Technology Corp F1129MB Datasheet HTML 17Page - Renesas Technology Corp F1129MB Datasheet HTML 18Page - Renesas Technology Corp F1129MB Datasheet HTML 19Page - Renesas Technology Corp F1129MB Datasheet HTML 20Page - Renesas Technology Corp F1129MB Datasheet HTML 21Page - Renesas Technology Corp F1129MB Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
F1129MB Datasheet
© 2019 Renesas Electronics Corporation
19
January 31, 2021
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website. The package information
is the most current data available and is subject to change without revision of this document.
Marking Diagram
11MB
YW**
Line 1: 11MB = abbreviated the part number (F1129MB).
Line 2: Y = Year code, last digit of production year (“8” would correspond to 2018).
W = Work week code (“W” corresponds to week 30).
** = Sequential alpha characters for lot traceability.
Ordering Information
Orderable Part Number
Package
MSL Rating
Carrier Type
Temperature
F1129MBNELI
2 × 2 × 0.75 mm 12-DFN
1
Cut Reel
-40° to +115°C
F1129MBNELI8
2 × 2 × 0.75 mm 12-DFN
1
Reel
-40° to +115°C
F1129MBEVB
Evaluation Board
Revision History
Revision Date
Description of Change
January 31, 2021
Updated the Package Outline Drawings website link
Updated the Carrier Type information in Ordering Information
May 21, 2020
Updated base part number table in Description.
April 29, 2020
Added Application Information for Power Supplies.
January 21, 2020
Updated Evaluation Kit pictures.
December 5, 2019
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com