Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ_T2M Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # RZ_T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ_T2M Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button RZ_T2M Datasheet HTML 45Page - Renesas Technology Corp RZ_T2M Datasheet HTML 46Page - Renesas Technology Corp RZ_T2M Datasheet HTML 47Page - Renesas Technology Corp RZ_T2M Datasheet HTML 48Page - Renesas Technology Corp RZ_T2M Datasheet HTML 49Page - Renesas Technology Corp RZ_T2M Datasheet HTML 50Page - Renesas Technology Corp RZ_T2M Datasheet HTML 51Page - Renesas Technology Corp RZ_T2M Datasheet HTML 52Page - Renesas Technology Corp RZ_T2M Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 127 page
background image
2.2
Power Supply
Table 2.2
Power supply
Parameter
Symbol
Value
Min.
Typ.
Max.
Unit
Power supply voltages
VCC33
3.135
—
3.465
V
VDD
1.05
1.1
1.15
V
VSS
—
0
—
V
Power supply voltages supporting
multi voltage mode
VCC1833_0,
VCC1833_1,
VCC1833_2,
VCC1833_3,
VCC1833_4
3.3-V mode
3.135
3.3
3.465
V
1.8-V mode (VCC18)
1.70
1.8
1.95
V
Analog power supply voltages
VCC18_PLL0
—
VCC18
—
V
VCC18_PLL1
—
VCC18
—
V
VCC33_USB
—
VCC33
—
V
VCC18_USB
—
VCC18
—
V
AVCC18_USB
—
VCC18
—
V
VCC18_ADC0
—
VCC18
—
V
VCC18_ADC1
—
VCC18
—
V
AVCC18_TSU
—
VCC18
—
V
VSS_USB
—
0
—
V
Note:
The LQFP-176 and LQFP-128 do not have pins VCC1833_n, VCC18_ADC1, and VREFH1.
2.3
Power On/Off Sequence
Power on/off sequence and timing are shown in the figure and table below.
For power-up, 1.1-V and 1.8-V power (i.e. VDD, VCC18, and AVCC) must be supplied first, then 3.3-V power (i.e.
VCC33) must be supplied. The power-up sequence must be completed within 100 ms. Reset signal (i.e. RES#) must be held
to Low level during the power-up.
For Power-down, 3.3-V power (i.e. VCC33) must go down first and then 1.1-V and 1.8-V power (i.e. VDD, VCC18, and
AVCC). The power-down sequence must be completed within 100 ms.
Rise and fall time of each power supply for the power-up and the power-down must be larger than 10 µs.
Power supply voltages and reset signal must be applied with monotonic increase.
Do not apply a negative voltage to power supply voltages.
Stable clock must be supplied to EXTAL/XTAL or EXTCLKIN pin when reset signal (i.e. RES#) is driven high.
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0100 Rev.1.00
Mar 22, 2022
Page 49 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com