Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ_T2M Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RZ_T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ_T2M Datasheet(HTML) 2 Page - Renesas Technology Corp

  RZ_T2M Datasheet HTML 1Page - Renesas Technology Corp RZ_T2M Datasheet HTML 2Page - Renesas Technology Corp RZ_T2M Datasheet HTML 3Page - Renesas Technology Corp RZ_T2M Datasheet HTML 4Page - Renesas Technology Corp RZ_T2M Datasheet HTML 5Page - Renesas Technology Corp RZ_T2M Datasheet HTML 6Page - Renesas Technology Corp RZ_T2M Datasheet HTML 7Page - Renesas Technology Corp RZ_T2M Datasheet HTML 8Page - Renesas Technology Corp RZ_T2M Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 127 page
background image
1.
Overview
1.1
Outline of Specifications
The MPU is a high-performance ASSP that has dual Arm Cortex®-R52 processor with Floating-Point Unit (FPU) and
NEON™. It incorporates integrated peripheral functions necessary for system configuration.
Table 1.1
CPU
Feature
Functional description
Arm® Cortex®-R52
● Two processors*1 consist of single core
● Operating frequency
– 200 MHz/400 MHz/800 MHz (in case of 200 MHz system clock)
– 150 MHz/300 MHz/600 MHz (in case of 150 MHz system clock)
● 32-bit CPU Cortex-R52 designed by Arm (core revision r1p2)
● Address space: 4 GB
● Instruction cache
– CPU0: 16 KB (with ECC)
– CPU1: 32 KB (with ECC)
● Data cache
– CPU0: 16 KB (with ECC)
– CPU1: 32 KB (with ECC)
● Tightly coupled memory (TCM)
– CPU0
ATCM: 512 KB (with ECC) 1 wait (0 wait selectable if less than 400 MHz)
BTCM: 64 KB (with ECC) 0 wait
CTCM: 0 KB (with ECC)
– CPU1
ATCM: 0 KB
BTCM: 0 KB
CTCM: 0 KB
● Instruction set: Arm v8-R architecture, so support includes Thumb® and Thumb-2
● Data arrangement
– Instructions: Little endian
– Data: Little endian
● 2-stage memory protection unit (MPU)
● No DCLS (Dual Core Lock Step) support
FPU
● Supports addition, subtraction, multiplication, division, multiply-and-accumulate, and
square-root operations at single- and double-precision.
● Registers
64-bit single-word registers: 64 bits × 32
(can be used as 16 double-word registers: 128 bits × 16)
NEON
The Advanced SIMD supporting integer or single precision results
Note 1. One CPU for 176-pin and 128-pin devices (only CPU0 is provided)
Table 1.2
Memory
Feature
Functional description
On-chip system SRAM with ECC
● Capacity:
– Dual CPU: Up to 2.0 MB (512 KB × 4 units) (with ECC)
– Single CPU: Up to 1.5 MB (512 KB × 3 units) (with ECC)
● Operating frequency: 150 MHz/200 MHz
● SEC-DED (single error correction/double error detection)
Error injection supported
One-time programmable memory
● Overwrite protection
● Redundancy support
● ECC support
● Available information
– Unique ID
– Authentication settings
– Trimming data
– Boot mode setting
– User area
RZ/T2M Datasheet
1. Overview
R01DS0383EJ0100 Rev.1.00
Mar 22, 2022
Page 2 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com