Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ_T2M Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RZ_T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ_T2M Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RZ_T2M Datasheet HTML 17Page - Renesas Technology Corp RZ_T2M Datasheet HTML 18Page - Renesas Technology Corp RZ_T2M Datasheet HTML 19Page - Renesas Technology Corp RZ_T2M Datasheet HTML 20Page - Renesas Technology Corp RZ_T2M Datasheet HTML 21Page - Renesas Technology Corp RZ_T2M Datasheet HTML 22Page - Renesas Technology Corp RZ_T2M Datasheet HTML 23Page - Renesas Technology Corp RZ_T2M Datasheet HTML 24Page - Renesas Technology Corp RZ_T2M Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
1.6
FBGA 320 Pin Assignments
VSS
P23_6
P23_0
P22_3
VSS
P21_4
P21_5
VSS
P20_2
VSS
AN114
AN113
AN108
AN106
P00_2
P00_0
P23_7
P23_2
P22_5
P22_0
P21_7
P21_3
P20_4
VSS
AN112
AN110
AN107
AN105
P00_7
P00_3
P24_1
P24_0
P23_4
P22_7
P22_1
P21_2
P20_6
P20_1
AN115
AN111
VREFH1 VREFH0
P01_3
P01_2
P00_6
VSS
P01_6
P01_0
P24_2
P23_1
P22_6
P22_4
P20_7
VCC33
AN109
AN102
VSS
VSS
P02_1
P01_7
P01_5
P00_1
VCC18
33_2
P23_5
P23_3
VSS
P02_5
P02_6
P01_4
P01_1
VDD
VSS
VDD
VDD
VDD
VDD
P19_3
BSCANP P02_7
P03_2
P02_2
P02_0
VDD
VSS
VSS
VSS
VSS
VDD
P17_0
P03_7
P03_5
P03_3
P03_4
P03_0
VDD
VSS
VSS
VSS
VSS
VDD
P15_6
VSS
P04_0
P03_6
P04_4
VCC33
VDD
VSS
VSS
VSS
VSS
VDD
VCC18
33_3
P04_1
P04_2
P04_3
P04_6
P05_0
VDD
VSS
VSS
VSS
VSS
VDD
P15_0
P04_5
P04_7
P05_1
P05_4
VCC18
33_1
VDD
VDD
VDD
VDD
VSS
VDD
P13_7
A
B
C
D
E
F
H
J
K
L
M
N
P
R
VSS
P05_3
P05_2
P06_3
P05_7
P12_7
P05_5
P05_6
P06_1
P07_1
P07_6
VCC33
P09_4
P09_7
VCC18
33_0
P10_4
P11_2
P11_6
VCC18
33_4
P12_5
P02_3
TRST#
P02_4
P00_5
P00_4
P20_5
VCC18_
ADC1
VSS
AN100
VCC18_
ADC0
VCC33
G
P19_7
P22_2
P21_6
P20_3
P21_1
P21_0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
AN104
AN101
AN001
AN003
P18_0
P17_4
P16_3
P15_1
P14_2
P13_5
P13_2
P12_3
VSS
P19_5
16
AN103
AN000
AN005
17
AN002
AN006
VSS
P19_6
P19_1
P17_5
P17_6
P16_6
P16_1
P15_3
P14_5
P14_6
P13_6
P18_7
P18_3
18
AN004
AN007
AVCC18_
TSU
P19_2
P18_6
P17_3
P16_7
P16_5
P16_2
P15_7
P15_4
P14_7
P14_4
P18_4
P18_1
19
VSS
P20_0
P19_4
P19_0
P18_5
P17_2
P17_1
VSS
P16_4
P16_0
P15_5
P15_2
VSS
P18_2
P17_7
20
T
P06_0
P06_2
P06_5
RES#
P08_3
P09_0
P09_1
P09_5
VSS
VSS
P10_6
P10_5
P10_7
P11_3
P12_1
P13_1
P14_0
P14_3
U
P06_4
P06_6
P07_3
P12_4
P13_3
P14_1
V
P06_7
P07_0
MDX
P07_5
P08_0
P08_2
P08_6
P10_2
P10_3
VCC18_
PLL0
VCC18_
PLL1
VCC18_
USB
AVCC18
_USB
AVCC18
_USB
VSS_
USB
P11_1
P11_4
P12_0
P12_6
P13_4
W
P07_2
P07_4
P07_7
P08_4
P08_7
P09_3
P10_0
VSS
VSS
VDD
VSS
VCC33_U
SB
VSS_
USB
VSS_
USB
VSS_
USB
VSS_
USB
VSS_
USB
P11_5
P12_2
P13_0
Y
VSS
P08_1
P08_5
VSS
P09_2
P09_6
P10_1
VSS
EXTCL
KIN
EXTAL
XTAL
VSS_
USB
USB_DM USB_DP
VSS_
USB
USB_RR
EF
VSS_
USB
P11_0
P11_7
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A
B
C
D
E
F
H
J
K
L
M
N
P
R
G
T
U
V
W
Y
Figure 1.2
Pin arrangement (320-pin FBGA) (top view)
Table 1.18
List of pins and pin functions (320-pin FBGA) (1 of 10)
Pin
number
I/O power
domain
Power supply
clock system
control
I/O
port
Bus
Timer (MTU3, POE3,
GPT / POEG, CMTW,
RTC)
Communication (RSCI, RIIC,
GMAC, ETHSW, ESC, USB,
CANFD, SPI, xSPI)
DSMIF
Interrupt ADC12
Encoder
I/F
A1
—
VSS
—
—
—
—
—
—
—
—
A2
—
—
P23_6
D21
MTIOC8B
SS0# / CTS0# / RTS0#
—
—
—
—
A3
—
—
P23_0
D15
—
SPI_MOSI2
—
IRQ5
—
—
A4
—
—
P22_3
D10
MTIOC8D /
GTETRGSB
—
—
—
—
ENCIF11
A5
—
VSS
—
—
—
—
—
—
—
—
A6
—
TRACEDATA3
P21_4
D3
MTIOC6D /
GTIOC15B
SS5# / CTS5# / RTS5# /
SPI_SSL02
MDAT
1
—
—
ENCIF8
A7
—
TRACEDATA4
P21_5
D4
MTIOC7A /
GTIOC16A /
CMTW1_TOC1
CTS5# / SPI_MISO0
MCLK
2
IRQ6
ADTRG1# ENCIF9
A8
—
VSS
—
—
—
—
—
—
—
—
A9
—
—
P21_0
WE2# /
DQMUL
MTIOC2B /
GTIOC13B
ETHSW_PTPOUT3 /
ESC_LINKACT2
MDAT
5
—
—
—
RZ/T2M Datasheet
1. Overview
R01DS0383EJ0100 Rev.1.00
Mar 22, 2022
Page 21 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com