Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ_T2M Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # RZ_T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ_T2M Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button RZ_T2M Datasheet HTML 53Page - Renesas Technology Corp RZ_T2M Datasheet HTML 54Page - Renesas Technology Corp RZ_T2M Datasheet HTML 55Page - Renesas Technology Corp RZ_T2M Datasheet HTML 56Page - Renesas Technology Corp RZ_T2M Datasheet HTML 57Page - Renesas Technology Corp RZ_T2M Datasheet HTML 58Page - Renesas Technology Corp RZ_T2M Datasheet HTML 59Page - Renesas Technology Corp RZ_T2M Datasheet HTML 60Page - Renesas Technology Corp RZ_T2M Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 127 page
background image
EXTCLKIN external clock input
1/2 × VCC33
1/2 × VCC33
fEXTCLKIN
VIH33
VIH33
VIL33
VIL33
frEXTCLKIN
ffEXTCLKIN
Figure 2.4
EXTCLKIN external clock input timing
2.5.1.4
EXTAL/XTAL Clock Timing
Table 2.18
EXTAL/XTAL clock timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
EXTAL/XTAL clock frequency*1
fXTAL
—
25.00 ± 50 ppm
MHz
EtherCAT in use
25.00 ± 25 ppm
MHz
Note:
When using an external oscillator, be sure to leave XTAL open-circuit and make sure that EXTAL is driven low.
Note 1. When using the EXTAL/XTAL clock (i.e. crystal resonator), ask the oscillator manufacturer to evaluate oscillation of the oscillator.
For the oscillation stabilization time, see the evaluation result provided by the oscillator manufacturer.
XTAL clock oscillator output
1/2 × VDD
1/2 × VDD
fXTAL
EXTAL clock oscillator input
VSS
VDD
The swing voltage range of EXTAL/XTAL should be from VSS to VDD.
Figure 2.5
EXTAL clock oscillator input and XTAL clock oscillator output timing
2.5.1.5
LOCO Clock Timing
Table 2.19
LOCO clock timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
LOCO clock cycle time
tLcyc
—
4.62
4.17
3.79
µs
LOCO clock oscillation frequency
tLOCO
—
216
240
264
kHz
LOCO clock oscillation stabilization wait time
tLOCOWT
—
—
—
40
µs
LOCOCR.LCSTP
Low-speed on-chip
oscillator output
LOCO clock
tLOCOWT
Figure 2.6
LOCO clock oscillation start timing
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0100 Rev.1.00
Mar 22, 2022
Page 57 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com