Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM8373 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 45Page - NXP Semiconductors OM8373 Datasheet HTML 46Page - NXP Semiconductors OM8373 Datasheet HTML 47Page - NXP Semiconductors OM8373 Datasheet HTML 48Page - NXP Semiconductors OM8373 Datasheet HTML 49Page - NXP Semiconductors OM8373 Datasheet HTML 50Page - NXP Semiconductors OM8373 Datasheet HTML 51Page - NXP Semiconductors OM8373 Datasheet HTML 52Page - NXP Semiconductors OM8373 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
2004 Jan 15
49
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
OM8373; OM8378
Chroma, luminance and feature processing
The chroma band-pass and trap circuits are realised by
means of gyrators and are tuned to the right frequency by
comparing the tuning frequency with the reference
frequency of the colour decoder. The luminance delay line
and the delay cells for the peaking circuit are also realised
with gyrators.
The circuits contain the following picture improvement
features:
• Peaking control circuit. The ratio of the positive and
negative overshoots of the peaking can be adjusted by
means of the bits RPO1/RPO0 in subaddress 2EH.
• Video dependent coring in the peaking circuit. The
coring can be activated only in the low-light parts of the
screen. This effectively reduces noise while having
maximum peaking in the bright parts of the picture.
• Black stretch. This function corrects the black level for
incoming signals which have a difference between the
black level and the blanking level.
• Blue-stretch. This circuit is intended to shift colour near
‘white’ with sufficient contrast values towards more blue
to obtain a brighter impression of the picture.
• Dynamic skin tone (flesh) control. This function is
realised in the YUV domain by detecting the colours
near to the skin tone.
Colour decoder
The ICs can decode PAL and NTSC signals. The
PAL/NTSC decoder does not need external reference
crystals but has an internal clock generator which is
stabilised to the required frequency by using the 12 MHz
clock signal from the reference oscillator of the
µ-Controller.
Under bad-signal conditions (e.g. VCR-playback in feature
mode), it may occur that the colour killer is activated
although the colour PLL is still in lock. When this killing
action is not wanted it is possible to overrule the colour
killer by forcing the colour decoder to the required standard
and to activate the FCO-bit (Forced Colour On) in
subaddress 21H.
The Automatic Colour Limiting (ACL) circuit (switchable
via the ACL bit in subaddress 20H) prevents that
oversaturation occurs when PAL/NTSC signals with a high
chroma-to-burst ratio are received. The ACL circuit is
designed such that it only reduces the chroma signal and
not the burst signal. This has the advantage that the colour
sensitivity is not affected by this function.
The base-band delay line is integrated. This delay line is
also active during NTSC to obtain a good suppression of
cross colour effects. The demodulated colour difference
signals are internally supplied to the delay line.
RGB output circuit and black-current stabilization
In the RGB control circuit the signal is controlled on
contrast, brightness and saturation. The ICs have a linear
input for external RGB/YUV signals. Switching between
RGB and the YUV/YPRPB mode can be realised via the
YUV0/YUV1 bits in subaddress 2BH. The signals for OSD
and text are internally supplied to the control circuit. The
output signal has an amplitude of about 2 V black-to-white
at nominal input signals and nominal settings of the
various controls.
To obtain an accurate biasing of the picture tube the
‘Continuous Cathode Calibration’ (CCC) system has been
included in these ICs. When required the operation of the
CCC system can be changed into a one-point black
current system. The switching between the 2 possibilities
is realised by means of the OPC bit in subaddress 2BH.
When used as one-point control loop the system will
control the black level of the RGB output signals to the
‘low’ reference current and not on the cut off point of the
cathode. In this way spreads in the picture tube
characteristics will not taken into account. A further
consequence is that the RGB output signals have a fixed
amplitude (2 VP-P under nominal conditions) and that the
‘cathode drive level’ bits (CL3-CL0) have no effect on
these amplitudes. For this reason the gain of the RGB
output stages has to be adapted to the required drive level
of the cathodes.
A black level off-set can be made with respect to the level
which is generated by the black current stabilization
system. In this way different colour temperatures can be
obtained for the bright and the dark part of the picture.
In the Vg2 adjustment mode (AVG = 1) a certain black level
is inserted at the RGB outputs and the black current
stabilization system checks the feedback current of the 3
channels and indicates whether the current level is in a
certain window (WBC-bit) or below or above this window
(HBC-bit). This indication can be read from the status byte
01 and can be used for automatic adjustment of the Vg2
voltage during the production of the TV receiver. During
this test the vertical scan remains active so that the
indication of the 2 bits can be made visible on the TV
screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com