Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM8373 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 61Page - NXP Semiconductors OM8373 Datasheet HTML 62Page - NXP Semiconductors OM8373 Datasheet HTML 63Page - NXP Semiconductors OM8373 Datasheet HTML 64Page - NXP Semiconductors OM8373 Datasheet HTML 65Page - NXP Semiconductors OM8373 Datasheet HTML 66Page - NXP Semiconductors OM8373 Datasheet HTML 67Page - NXP Semiconductors OM8373 Datasheet HTML 68Page - NXP Semiconductors OM8373 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 108 page
background image
2004 Jan 15
65
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
OM8373; OM8378
Note
1. Peripheral current is dependent on external components and voltage levels on I/Os
2. The simplified circuit diagram of the oscillator is given in Fig.22.
A suitable crystal for this oscillator is the Saronix type 9922 520 00169. The nominal tuning of the crystal is important
to obtain a symmetrical catching range for the PLL in the colour decoder. This tuning can be adapted by means of
the values of the capacitors Cx1 and Cx2 in Fig.22. Good results were obtained with capacitor values of 39 pF,
however, for a new application the optimum value should be determined by checking the symmetry of the catching
range of the colour decoder.
P0.5 AND P0.6
IO.2.1
low level input voltage
−−
0.8
V
IO.2.2
high level input voltage
2.0
−
5.5
V
IO.2.3
hysteresis of Schmitt Trigger
input
0.4
−
0.7
V
IO.2.4
low level output voltage
IOL = 8mA
−−
0.4
V
IO.2.5
high level output voltage
open drain
−−
5.5
V
IO.2.6
high level output voltage
IOH = 8mA
2.4
−−
V
IO.2.7
output rise time (push-pull only)
10% to 90%
load 100 pF
−
16
−
ns
IO.2.8
output fall time 10% to 90%
load 100pF
−
14
−
ns
IO.2.9
load capacitance
−−
100
pF
IO.2.10
capacitance of input pin
−−
10
pF
P1.6 AND P1.7
IO.3.1
low level input voltage (VIL)
−−
1.5
V
IO.3.2
high level input voltage (VIH)
3.0
−
5.5
V
IO.3.3
hysteresis of Schmitt-trigger
input
0.2
−−
V
IO.3.4
low level output voltage
sink current 8mA
0
−
0.4
V
IO.3.5
high level output voltage
open drain
−−
5.5
V
IO.3.6
output fall time (VIH to VIL for CL)
20+0.1
×
CL
−
250
ns
IO.3.7
bus load capacitance
10
−
400
pF
IO.3.8
capacitance of IO pin
−−
10
pF
Crystal oscillator
OSCIN
; NOTE 2
X.1.1
resonator frequency
−
12
−
MHz
X.1.2
input capacitance (Ci)
−
4.0
−
pF
X.1.3
output capacitance (Co)
−
5.0
−
pF
X.1.4
Cx1 =Cx2
12
−
56
pF
X.1.5
Ri (crystal)
−−
100
Ω
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com