Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R06 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT45R06
Description  A/D Type 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R06 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT45R06 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
HT45R06
A/D Type 8-Bit OTP MCU
Rev. 1.00
1
May 24, 2005
General Description
The HT45R06 is an 8-bit high performance, RISC archi-
tecture microcontroller devices specifically designed for
cost-effective multiple I/O control product applications.
The advantages of low power consumption, I/O flexibil-
ity, timer functions, oscillator options, watchdog timer,
buzzer driver, multi-channel A/D converter, Pulse Width
Modulation function, HALT and wake-up functions,
enhance the versatility of these devices to suit a wide
range of A/D application possibilities such as security
systems, smoke detectors and smart tags.
Features
· Operating voltage: 2.2V~5.5V
(IDD<200
mA, when fSYS=455kHz, VDD=+5V)
· Operating frequency: 400kHz~2MHz
455kHz: VDD=2.2V~5.5V
1MHz: VDD=2.4V~5.5V
2MHz: VDD=3.3V~5.5V
· 13 bidirectional I/O lines (PA, PB0~PB3, PD0)
· One interrupt input shared with an I/O line
· 8-bit programmable timer/event counter with
overflow interrupt and 7-stage prescaler
· On-chip crystal and RC oscillator
· Watchdog Timer
· 1024´14 program memory
· 64´8 data memory RAM
· Supports PFD for sound generation
· HALT function and wake-up feature reduce power
consumption
· Up to 2ms instruction cycle with 2MHz system clock at
VDD=5V
· 4-level subroutine nesting
· 4 channels 8-bit resolution A/D converter
· PA with wake-up function
· Bit manipulation instruction
· 14-bit table read instruction
· 63 powerful instructions
· All instructions in 1 or 2 machine cycles
· Low voltage reset function
· Fast start-up: < 5ms
(fSYS=455kHz, the RES is connected to VDD)
· 18-pin DIP/SOP, 20-pin SSOP packages
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0003E Communicating between the HT48 & HT46 Series MCUs and the HT93LC46 EEPROM
- HA0004E HT48 & HT46 MCU UART Software Implementation Method
- HA0005E Controlling the I2C bus with the HT48 & HT46 MCU Series
- HA0007E Using the MCU Look Up Table Instructions
- HA0049E Read and Write Control of the HT1380


Similar Part No. - HT45R06

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
Remote Type 8-bit OTP MCU with EEPROM
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
March 12, 2015
HT45R2K-B HOLTEK-HT45R2K-B Datasheet
1Mb / 105P
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-B HOLTEK-HT45R2K-B Datasheet
1Mb / 105P
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
March 12, 2015
More results

Similar Description - HT45R06

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
A/D Type 8-Bit OTP MCU
November 1, 2005
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
A/D Type 8-Bit OTP MCU
November 1, 2005
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
A/D Type 8-Bit OTP MCU
September 20, 2007
HT46R53A HOLTEK-HT46R53A Datasheet
303Kb / 43P
A/D Type 8-Bit OTP MCU
August 24, 2006
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
Enhanced A/D Type 8-Bit OTP MCU
January 22, 2013
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
A/D Type 8-Bit OTP MCU
March 6, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com