Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R06 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT45R06
Description  A/D Type 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R06 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT45R06 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Application Circuits
The following table shows the C1, C2 and R1 values corresponding to the different crystal values. (For reference only)
Crystal or Resonator
C1, C2
R1
2MHz Crystal & Resonator
25pF
10k
W
1MHz Crystal
35pF
27k
W
480kHz Resonator
300pF
9.1k
W
455kHz Resonator
300pF
10k
W
429kHz Resonator
300pF
10k
W
The function of the resistor R1 is to ensure that the oscillator will switch off should low voltage condi-
tions occur. Such a low voltage, as mentioned here, is one which is less than the lowest value of the
MCU operating voltage. Note however that if the LVR is enabled then R1 can be removed.
Note:
The resistance and capacitance for reset circuit should be designed in such a way as to ensure that the VDD is
stable and remains within a valid operating voltage range before bringing RES to high.
²*² Make the length of the wiring, which is connected to the RES pin as short as possible, to avoid noise
interference.
HT45R06
Rev. 1.00
20
May 24, 2005
O S C 1
O S C 2
O S C
C i r c u i t
R E S
0 . 1 m F *
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
0 . 0 1 m F *
1 0 k W
R C S y s t e m O s c i l l a t o r
3 0 k W < R O S C < 7 5 0 k W
V D D
R O S C
f S Y S / 4
O S C 1
O S C 2
4 7 0 p F
O S C 1
O S C 2
R 1
C 1
C 2
C r y s t a l S y s t e m O s c i l l a t o r
F o r t h e v a l u e s ,
s e e t a b l e b e l o w
O S C C i r c u i t
S e e R i g h t S i d e
H T 4 5 R 0 6
P D 0
P B 0 / A N 0
P B 3 / A N 3
P A 0 ~ P A 2
P A 3 / P F D
P A 4 / T M R
P A 5 / I N T
P A 6 ~ P A 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com