Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R06 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT45R06
Description  A/D Type 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R06 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT45R06 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
HT45R06
Rev. 1.00
10
May 24, 2005
External interrupts are triggered by a high to low transi-
tion of the INT and the related interrupt request flag (EIF;
bit 4 of the INTC) will be set. When the interrupt is en-
abled, the stack is not full and the external interrupt is
active, a subroutine call to location 04H will occur. The
interrupt request flag (EIF) and EMI bits will be cleared
to disable other interrupts.
The internal timer/event counter interrupt is initialized by
setting the timer/event counter interrupt request flag
(TF; bit 5 of the INTC), caused by a timer overflow.
When the interrupt is enabled, the stack is not full and
the TF bit is set, a subroutine call to location 08H will oc-
cur. The related interrupt request flag (TF) will be reset
and the EMI bit cleared to disable further interrupts.
The A/D converter end-of-conversion interrupt is initial-
ized by setting the A/D end-of-conversion interrupt re-
quest flag (bit 6 of the INTC), caused by an end of A/D
conversion. When the interrupt is enabled, the stack is
not full and the end of A/D conversion interrupt request
flag is set, a subroutine call to location 00CH will occur.
The related interrupt request flag will be reset and the
EMI bit cleared to disable further interrupts.
During the execution of an interrupt subroutine, other in-
terrupt acknowledge are held until the
²RETI²
instruction is executed or the EMI bit and the related in-
terrupt control bit are set to 1 (if the stack is not full). To
return from the interrupt subroutine,
²RET² or ²RETI²
may be invoked. RETI will set the EMI bit to enable an
interrupt service, but RET will not.
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
External Interrupt
1
04H
Timer/Event Counter Overflow
2
08H
A/D Converter Interrupt
3
0CH
The timer/event counter interrupt request flag (TF), ex-
ternal interrupt request flags (EIF), A/D converter inter-
rupt request flag (ADF), enable timer/event counter
interrupt bit (ETI), enable A/D converter interrupt
(EADI), enable external interrupt (EEI) and enable mas-
ter interrupt bit(EMI) constitute the interrupt control reg-
isters (INTC) which is located at 0BH in the data
memory. EMI, EEI, ETI, EADI and are used to control
the enabling/disabling of interrupts. These bits prevent
the requested interrupts from being serviced. Once the
interrupt request flags (TF, EIF, ADF) are set, they will
remain in the INTC register until the interrupts are ser-
viced or cleared by a software instruction.
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. Inter-
rupts often occur in an unpredictable manner or need to
be serviced immediately in some applications. If only
one stack is left and enabling the interrupt is not well
controlled, the original control sequence will be dam-
aged once the
²CALL² operates in the interrupt subrou-
tine.
Oscillator Configuration
There are two oscillator circuits in the microcontroller.
Bit No.
Label
Function
0
EMI
Controls the master (global) interrupt (1=enable; 0=disable)
1
EEI
Controls the external interrupt (1=enable; 0=disable)
2
ETI
Controls the timer/event counter interrupt (1=enable; 0=disable)
3
EADI
Controls the A/D converter interrupt (1=enable; 0=disable)
4
EIF
External interrupt request flag (1=active; 0=inactive)
5
TF
Internal timer/event counter request flag (1=active; 0=inactive)
6
ADF
A/D converter request flag (1=active; 0=inactive)
7
¾
Unused bit, read as
²0²
INTC (0BH) Register
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 2
N M O S O p e n D r a i n
O S C 2
f S Y S / 4
O S C 1
V D D
System Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com