Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R232 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT46R232
Description  A/D Type 8-Bit MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R232 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT46R232 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
HT46R232/HT46C232
Rev. 1.40
11
November 23, 2005
Interrupt Source
Priority
Vector
External Interrupt
1
04H
Timer/Event Counter 0 Overflow
2
08H
Timer/Event Counter 1 Overflow
3
0CH
A/D Converter Interrupt
4
10H
I
2C Bus Interrupt
5
14H
The Timer/Event Counter 0/1 interrupt request flag (T0F,
T1F), external interrupt request flag (EIF), A/D converter
request flag (ADF), the I
2C Bus interrupt request flag
(HIF), enable timer/event counter bit (ET0I, ET1I), en-
able external interrupt bit (EEI), enable A/D converter in-
terrupt bit (EADI), enable I
2C Bus interrupt bit (EHI) and
enable master interrupt bit (EMI) constitute an interrupt
control register 0 (INTC0) and an interrupt control regis-
ter 1 (INTC1) which are located at 0BH and 1EH in the
data memory. EMI, EEI, ET0I, ET1I, EADI, EHI are used
to control the enabling/disabling of interrupts. These bits
prevent the requested interrupt from being serviced.
Once the interrupt request flags (T0F, T1F, EIF, ADF,
HIF) are set, they will remain in the INTC0 and INTC1
register until the interrupts are serviced or cleared by a
software instruction.
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. Inter-
rupts often occur in an unpredictable manner or need to
be serviced immediately in some applications. If only one
stack is left and enabling the interrupt is not well con-
trolled, the original control sequence will be damaged
once the
²CALL² operates in the interrupt subroutine.
Oscillator Configuration
There are two oscillator circuits in the microcontroller.
Both are designed for system clocks, namely the RC os-
cillator and the Crystal oscillator, which are determined
by the option. No matter what oscillator type is selected,
the signal provides the system clock. The HALT mode
stops the system oscillator and ignores an external sig-
nal to conserve power.
If an RC oscillator is used, an external resistor between
OSC1 and VSS is required and the resistance must
range from 30k
W to 750kW. The system clock, divided
by 4, is available on OSC2 with pull-high resistor, which
can be used to synchronize external logic. The RC os-
cillator provides the most cost effective solution. How-
ever, the frequency of oscillation may vary with VDD,
temperatures and the chip itself due to process varia-
tions. It is, therefore, not suitable for timing sensitive
operations where an accurate oscillator frequency is
desired.
If the Crystal oscillator is used, a crystal across OSC1
and OSC2 is needed to provide the feedback and phase
shift required for the oscillator, and no other external
components are required. Instead of a crystal, a resona-
tor can also be connected between OSC1 and OSC2 to
get a frequency reference, but two external capacitors in
OSC1 and OSC2 are required (If the oscillating fre-
quency is less than 1MHz).
The WDT oscillator is a free running on-chip RC oscillator,
and no external components are required. Even if the sys-
tem enters the power down mode, the system clock is
stopped, but the WDT oscillator still works with a period of
approximately 65
ms at 5V. The WDT oscillator can be dis-
abled by option to conserve power.
Watchdog Timer
- WDT
The WDT clock source is implemented by a dedicated
RC oscillator (WDT oscillator) or instruction clock (sys-
tem clock divided by 4) decided by options. This timer is
designed to prevent a software malfunction or sequence
jumping to an unknown location with unpredictable re-
sults. The watchdog timer can be disabled by a option. If
the watchdog timer is disabled, all the executions re-
lated to the WDT result in no operation.
Once an internal WDT oscillator (RC oscillator with pe-
riod 65
ms at 5V normally) is selected, it is divided by
2
12~215 (by option to get the WDT time-out period). The
WDT time-out minimum period is 300ms~600ms. This
time-out period may vary with temperature, VDD and
process variations. By selection from the WDT option,
longer time-out periods can be realized. If the WDT
time-out is selected 2
15, the maximum time-out period is
divided by 2
15~216about 2.1s~4.3s.
If the WDT oscillator is disabled, the WDT clock may still
come from the instruction clock and operate in the same
manner except that in the HALT state the WDT may stop
counting and lose its protecting purpose. In this situation
the logic can only be restarted by external logic. If the
device operates in a noisy environment, using the
on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT will stop the system clock.
The WDT overflow under normal operation will initialize
²chip reset² and set the status bit TO. Whereas in the
HALT mode, the overflow will initialize a
²warm reset²
only the program counter and stack pointer are reset to
zero. To clear the contents of WDT, three methods are
adopted; external reset (a low level to RES), software in-
structions, or a HALT instruction. The software instruc-
tions include CLR WDT and the other set CLR WDT1
and CLR WDT2. Of these two types of instruction, only
one can be active depending on the option
-²CLR WDT
times selection option
².Ifthe ²CLR WDT² is selected (i.e.
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 2
O S C 2
f S Y S / 4
O S C 1
V D D
4 7 0 p F
System Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com