| Electronic Components Datasheet Search |
|
HT46R232 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R232 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc |
|
17 / 50 page ![]() HT46R232/HT46C232 Rev. 1.40 17 November 23, 2005 Input/Output Ports There are 40 bidirectional input/output lines in the microcontroller, labeled as PA, PB, PC, PD and PF, which are mapped to the data memory of [12H], [14H], [16H], [18H] and [28H] respectively. All of these I/O ports can be used for input and output operations. For input operation, these ports are non-latching, that is, the in- puts must be ready at the T2 rising edge of instruction ²MOV A,[m]² (m=12H, 14H, 16H, [18H] or 28H). For out- put operation, all the data is latched and remains un- changed until the output latch is rewritten. Each I/O line has its own control register (PAC, PBC, PCC, PDC, PFC) to control the input/output configura- tion. With this control register, CMOS output or Schmitt trigger input with or without pull-high resistor structures can be reconfigured dynamically under software control. To function as an input, the corresponding latch of the control register must write ²1². The input source also de- pends on the control register. If the control register bit is ²1², the input will read the pad state. If the control regis- ter bit is ²0², the contents of the latches will move to the internal bus. The latter is possible in the ²read-modify- write ² instruction. For output function, CMOS is the only configuration. These control registers are mapped to locations 13H, 15H, 17H, 19H and 29H. After a chip reset, these input/output lines remain at high levels or floating state (depends on pull-high options). Each bit of these input/output latches can be set or cleared by ²SET [m].i² and ²CLR [m].i² (m=12H, 14H, 16H 18H or 28H) instructions. Some instructions first input data and then follow the output operations. For example, ²SET [m].i², ²CLR [m].i ², ²CPL [m]², ²CPLA [m]² read the entire port states into the CPU, execute the defined operations (bit-operation), and then write the results back to the latches or the accumulator. Each line of port A has the capability of waking-up the device. Each I/O port has a pull-high option. Once the pull-high option is selected, the I/O port has a pull-high resistor, otherwise, there ¢s none. Take note that a non-pull-high I/O port operating in input mode will cause a floating state. The PA3 and PA5 are pin-shared with the PFD and INT pins respectively. If the PFD option is selected, the out- put signal in output mode of PA3 will be the PFD signal generated by timer/event counter overflow signal. The input mode always remain in its original functions. Once the PFD option is selected, the PFD output signal is con- trolled by PA3 data register only. Writing ²1² to PA3 data register will enable the PFD output function and writing 0 will force the PA3 to remain at ²0². The I/O functions of PA3 are shown below. I/O Mode I/P (Normal) O/P (Normal) I/P (PFD) O/P (PFD) PA3 Logical Input Logical Output Logical Input PFD (Timer on) Note: The PFD frequency is the timer/event counter overflow frequency divided by 2. The PB can also be used as A/D converter inputs. The A/D function will be described later. There is a PWM function shared with PD0/PD1/PD2/PD3. If the PWM function is enabled, the PWM0/PWM1/PWM2/PWM3 signal will appear on PD0/PD1/PD2/PD3 (if PD0/PD1/ PD2/PD3 is operating in output mode). The I/O func- tions of PD0/PD1/PD2/PD3 are as shown. V D D M U X M U X E N ( P F D o r P W M 0 ~ P W M 3 ) O P 0 ~ O P 7 I N T f o r P A 5 O n l y S y s t e m W a k e - u p ( P A o n l y ) R e a d D a t a R e g i s t e r D Q C K S D Q C K Q S C o n t r o l B i t P U D a t a B u s W r i t e C o n t r o l R e g i s t e r C h i p R e s e t R e a d C o n t r o l R e g i s t e r W r i t e D a t a R e g i s t e r D a t a B i t P A 0 ~ P A 2 P A 3 / P F D P A 4 P A 5 / I N T P A 6 / S D A P A 7 / S C L P B 0 / A N 0 ~ P B 7 / A N 7 P C 0 ~ P C 7 P D 0 / P W M 0 P D 1 / P W M 1 P D 2 / P W M 2 P D 3 / P W M 3 P D 4 ~ P D 7 P F 0 ~ P F 7 Q [ P A 3 , P F D ] o r [ P D 0 , P W M 0 ] o r [ P D 1 , P W M 1 ] o r [ P D 2 , P W M 2 ] o r [ P D 3 , P W M 3 ] Input/Output Ports |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |