Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5301AS Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5301AS
Description  3-channel Video Buffer with Built-in Wideband Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5301AS Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5301AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SM5301AS
NIPPON PRECISION CIRCUITS INC.—4
SPECIFICATIONS
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Characteristics
VCC = 4.5 to 5.5V, Ta = – 25 to 85°C unless otherwise noted.
Parameter
Symbol
Rating
Unit
Supply voltage range
VCC
− 0.3 to 7.0
V
Storage temperature range
Tstg
− 55 to + 125
°C
Power dissipation 11
1. When mounted on a substrate: mounted on a 111
× 80 × 1.6mm glass-epoxy substrate with 90%
copper (Cu) wiring factor, 0m/s air flow, and Ta = – 25 to 70
°C.
PD1
1.0
W
Power dissipation 22
2. When mounted on a substrate: mounted on a 111
× 80 × 1.6mm glass-epoxy substrate with 90%
copper (Cu) wiring factor, 0m/s air flow, and Ta = 70 to 80
°C.
PD2
0.9
W
Parameter
Symbol
Rating
Unit
Supply voltage ranges
VCC
4.5 to 5.5
V
Operating temperature range
Ta
– 25 to 85
°C
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Supply current 1
ICC1
VCC = 5.5V, RFC = 820Ω to GND,
VFC
= 0.2V (fc = 5MHz),
DISABLE
= "L"
70
100
130
mA
I
Supply current 2
ICC2
VCC = 5.5V, RFC = 820Ω to GND,
VFC
= 1.6V (fc = 40MHz),
DISABLE
= "L"
90
120
160
mA
I
Supply current 3
ICC3
VCC = 5.5V, RFC = 820Ω to GND,
VFC
= 0.2V (fc = 40MHz),
DISABLE
= "H"
1
2.5
5
mA
I
Output gain error 1
∆AV1
Error entered around table 1 values,
Ta = 0 to 70
°C, VCC = 4.75 to 5.25V
– 0.5
–
+ 0.5
dB
I
Output gain error 2
∆AV2
Error entered around table 1 values,
Ta = – 25 to 85
°C
– 1
–
+ 1dB
I
Output voltage
Vout2
RL
= 75Ω to GND, 6dB gain setting
2.4
–
–
Vp-p
I
DISABLE-mode input impedance
(pull-down)
RIN1
RINA/YINA, RINB/YINB, GINA/UINA,
GINB/UINB, BINA/VINA, BINB/VINB
–50–
k
Ω
I
Clamp response time
Tclamp
Time for 90% output signal change
for 10mV input signal, CIN = 0.1µF
–8–
ms
II
Maximum input amplitude
VI
AC coupling, 6dB gain setting
–
–
1.4
Vp-p
I
Maximum overshoot
VOS
2Vp-p output pulse
–
10
–
%
II
Maximum load capacitance
CL
BOUT/VOUT, GOUT/UOUT, ROUT/YOUT
–
–
15
pF
II
Output drive load
RL
one load unit
= 150Ω
–
–
2
load
I
Channel-to-channel gain
difference
dG
Between R/G/B, fc/2 [Hz]
–
–
0.5
dB
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com