Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5301AS Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5301AS
Description  3-channel Video Buffer with Built-in Wideband Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5301AS Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5301AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SM5301AS
NIPPON PRECISION CIRCUITS INC.—5
Filter Characteristics
VCC = 4.5 to 5.5V, Ta = – 25 to 85°C unless otherwise noted.
Test level
I : 100% of products tested at Ta = + 25
°C.
II : Guaranteed as result of design and characteristics evaluation.
Channel-to-channel phase
difference
d
φ
Between R/G/B, fc/2 [Hz]
–
3.5
–
degree
II
Output harmonic distortion
THD
Vout
= 2Vp-p, f = 1MHz
–
1.5
–
%
II
Power supply rejection ratio
PSRR
VCC = 0.5Vp-p, f = 100kHz
–
35
–
dB
II
Output short-circuit current
ISC
–
–
100
mA
II
Logic HIGH-level input voltage 1
VIH1
DISABLE, MUXSEL, SYNCIN
2.5
–
–
V
I
Logic LOW-level input voltage 1
VIL1
DISABLE, MUXSEL, SYNCIN
–
–
1.0
V
I
Logic HIGH-level input voltage 2
VIH2
GSB1, GSG1, GSR1
VCC − 0.5
–
–
V
I
Logic LOW-level input voltage 2
VIL2
GSB1, GSG1, GSR1
–
–
0.5
V
I
Logic pull-up resistance
RIN2
GSB1, GSG1, GSR1
–
40
–
k
Ω
I
Logic pull-down resistance
RIN3
DISABLE, MUXSEL, SYNCIN
–
50
–
k
Ω
I
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Cutoff frequency adjustment
range
FC
Ta=25
°C (see figure 1)
5.8
–
37
MHz
I
Cutoff frequency error
∆FC
Ta
= 25°C, VCC = 5.0V
–
–
± 20
%
I
4fc attenuation
fSB
fIN
≥ 4fc
–
50
–
dB
II
Output noise characteristic
VNOISE
10kHz to 40MHz, 6dB output gain
setting
–
1.0
–
mVRMS
II
Crosstalk
XTALK
Between 2 channels with input
0.5Vp-p 1MHz
–
− 47
–
dB
II
Multiplexer crosstalk
XTALK
Between MUX A
−B–
− 49
–
dB
II
Channel-to-channel group delay
TPD
Each input = 500kHz
–
10
–
ns
II
Group delay variation
∆TPD1
Fc
= 6.7MHz
(500kHz)
to 3.58MHz
–
9
–
ns
II
to 4.43MHz
–
15
–
ns
II
∆TPD2
Fc
= 24MHz
(500kHz)
to 3.58MHz
–
1
–
ns
II
to 4.43MHz
–
1
–
ns
II
to 10MHz
–
2
–
ns
II
∆TPD3
Fc
= 36MHz
(1MHz)
to 10MHz
–
0.5
–
ns
II
to 30MHz
–
5
–
ns
II
VFC input voltage range
VFC
0.2
–
1.6
V
I
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com