Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5301AS Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM5301AS
Description  3-channel Video Buffer with Built-in Wideband Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5301AS Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5301AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SM5301AS
NIPPON PRECISION CIRCUITS INC.—10
TYPICAL APPLICATION CIRCUITS
ATSC Digital TV Application
(*1) Pins without an input signal, set by NUXSEL, should be left open or tied to GND.
(*2) Connect 4
× 0.1µF capacitor between the supply pins close to the IC.
(*3) Connect a 47
µF capacitor between the supply pins close to the IC.
(*4) GS
×1 are 3-level pins. Connect a capacitor if an error occurs due to external noise. Also, if open-circuit,
the internal impedance and external capacitance (C) form an RC network. When power is applied, the
open-circuit potential rises with time constant
τ = C × 10k (sec).
(*5) Printed circuit board supply wiring
I
If the supply is used for other digital circuits, there is a possibility that noise will be introduced. Accord-
ingly, these circuits should be connected to the application’s analog supply.
I
Ground-plane wiring should be performed, as much as possible, to provide low GND line impedance.
I
If ground-plane wiring up to the GND pins is difficult, the ground plane should be as close to the IC as
possible with a separate wire to each GND pin.
Input Capacitor and Cutoff Frequency
The capacitor connected to pins RINA/YINA, RINB/YINB, GINA/UINB, GINB/UINB, BINA/VINA, and BINB/VINB
forms a highpass filter (HPF) with the internal impedance.
The HPF cutoff frequency is given by the following equation.
(C: input capacitance, R: signal input impedance = 9.3k
Ω)
Cut-off
control voltage
+5V
(*2)
(*3)
BIN/VIN
1.0
µF
GIN/UIN
1.0
µF
(*1)
(*4)
GSB1
DISABLE
(*1)
(*2)
220
µF
B/V
+
75
Ω
220
µF
R/Y
+
75
Ω
(*4)
GSG1
(*4)
GSR1
RIN/YIN
1.0
µF
SYNC
(*1)
(*2)
(*2)
220
µF
G/U
+
75
Ω
fc =
1
2
πCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com