Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5301AS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5301AS
Description  3-channel Video Buffer with Built-in Wideband Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5301AS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5301AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SM5301AS
NIPPON PRECISION CIRCUITS INC.—1
3-channel Video Buffer with Built-in Wideband Filters
OVERVIEW
The SM5301AS is a video buffer with built-in video signal bandwidth lowpass filter. The filter employs a 5-
order Butterworth lowpass filter configuration. The filter characteristics have been optimized for minimal over-
shoot and flat group delay, it has a variable cutoff frequency and guaranteed driver-stage channel gain differ-
ence and phase difference values.
FEATURES
I
Supply voltage: 5V
± 10%
I
VESA-standard ATSC digital TV RGB/YUV
video filters
I
2-system input/1-system output switching analog
multiplexer function
I
DC voltage level restore sync clamp function
I
Output buffer gain switching function: 0, 6dB
(input-to-output AC signal gain)
I
Channel-to-channel gain difference: 0.5dB (
± 5%
supply voltage variation)
I
Channel-to-channel phase difference: 3.5 degree
I
Output signal harmonic distortion (all channels):
1.5%
I
Cutoff frequency: 5.8 to 37MHz variable
I
Package: 28-pin HSOP (Pb free)
APPLICATIONS
I
Set-top boxes
I
Digital television
I
DVD players
I
Projector
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Device
Package
SM5301AS
28-pin HSOP
MUXSEL
1
SYNCIN
2
VCC4
3
RINA/YINA
4
GSR1
5
RINB/YINB
6
NC
7
GINA/UINA
8
GSG1
9
GINB/UINB
10
NC
11
BINA/VINA
12
28
27
26
25
24
23
22
21
20
19
18
17
VFC
RFC
GND4
VCC1
ROUT/YOUT
GND1
VCC2
GOUT/UOUT
GND2
VCC3
BOUT/VOUT
GND3
13
14
16
15
GSB1
BINB/VINB
DISABLE
NC
GND
GND
1.3TYP
18.6 ± 0.3
0.8
5.15
0.35 ± 0.05
0.12 M
0.10
0.15 – 0.05
+ 0.1
0 to 10


Similar Part No. - SM5301AS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5301BS NPC-SM5301BS Datasheet
204Kb / 15P
3-channel Video Buffer with Built-in Wideband Filters with Filter Through Function
More results

Similar Description - SM5301AS

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
Wideband Video Buffer
logo
Nippon Precision Circui...
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
3-channel Video Buffer with Built-in wideband LPF
SM5304AV NPC-SM5304AV Datasheet
244Kb / 12P
Video Buffer with Built-in Analog LPF
SM5301BS NPC-SM5301BS Datasheet
204Kb / 15P
3-channel Video Buffer with Built-in Wideband Filters with Filter Through Function
SM5330A NPC-SM5330A Datasheet
405Kb / 22P
3-channel Video Filter with Built-in 4-system Switch
SM5304AV NPC-SM5304AV_06 Datasheet
231Kb / 12P
Video Buffer with Built-in Analog LPF
SM5320A NPC-SM5320A Datasheet
696Kb / 23P
5-channel Video Buffer with Built-in wideband LPF
logo
Maxim Integrated Produc...
MAX11508 MAXIM-MAX11508 Datasheet
154Kb / 12P
Low-Cost, 3-Channel, HD/PS/SD/BP Video Filters with Buffer
Rev 0; 10/08
logo
Nippon Precision Circui...
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
3-channel Video Buffer with Built-in wideband LPF
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
3-channel Video Buffer with Built-in wideband LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com