Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5030IDGKT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # REF5030IDGKT
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5030IDGKT Datasheet(HTML) 4 Page - Texas Instruments

  REF5030IDGKT Datasheet HTML 1Page - Texas Instruments REF5030IDGKT Datasheet HTML 2Page - Texas Instruments REF5030IDGKT Datasheet HTML 3Page - Texas Instruments REF5030IDGKT Datasheet HTML 4Page - Texas Instruments REF5030IDGKT Datasheet HTML 5Page - Texas Instruments REF5030IDGKT Datasheet HTML 6Page - Texas Instruments REF5030IDGKT Datasheet HTML 7Page - Texas Instruments REF5030IDGKT Datasheet HTML 8Page - Texas Instruments REF5030IDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Installation
www.ti.com
4
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
•
J3 and J7 connectors are labeled incorrectly on the backside silkscreen. Refer the Rev 1.1 schematic
for the proper signal locations on the connector
Revision 2.0:
A revision was made to resolve the layout issues present on revisions 1.1. In addition to the fixes for
aforementioned issues, additional changes were made to the schematic and layout to improve available
features and increase usability.
•
User LEDs and current limiting resistor values were changed to prevent the LEDs from being too bright
to look at directly.
•
The CAN signal header J12 was shifted towards the center of the board and the silkscreen properly
aligned. PGND was removed and replaced with GND for the proper grounding of the CAN signals.
•
J11 and J13 were removed and replaced with a 0Ω resistor selection tree for routing between the
BoosterPack headers and the backside high-density connector J9. For more information on how to
configure these resistors for the desired routing, see Section 5.5.
•
Additional EMIF1 signals were routed to J9 to enable SDRAM support. These signals are also routed
to the BoosterPack headers. As such, these signals have a resistor selection network for routing the
signals to either the BoosterPack headers, J9 or both. For the information on how to configure these
resistors for the desired routing, see Section 5.5.
•
An additional jumper, J16, was added to the lower left corner of the board for an additional connection
point for supplying +5 V externally.
•
ADC input signal conditioning circuit was updated for proper operation under additional operating
conditions. C4 is now 180 pF; R60/R61 are changed to 10k-Ω and are placed between the VOUT
signal of U13 to the VOCM of U1.
•
Backside silkscreen for J3 and J7 have been corrected and reflect the proper signals at the noted
location on the connector.
3
Installation
The F28379D LaunchPad is supported in Code Composer Studio.
3.1
Code Composer Studio
3.1.1
Download the Required Software
Code Composer Studio IDE is available for free without any restriction when used with the XDS100v2
debug probe on the C2000 LaunchPad. The software can be downloaded from the C2000 LaunchPad
page at ti.com/launchpad. At this site, you can also download a copy of c2000Ware that includes drivers,
examples, and other support software needed to get started.
3.1.2
Install the Software
Once downloaded, install Code Composer Studio and the C2000Ware package.
3.1.3
Install the Hardware
After Code Composer Studio is installed, plug the supplied USB cable into the C2000 LaunchPad board
and into an available USB port on your computer.
Windows® will automatically detect the hardware and ask you to install software drivers. Let Windows run
a search for the drivers and automatically install them. After Windows successfully installs the drivers for
the integrated XDS100v2 debug probe, your LaunchPad is now ready for use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com