Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5030IDGKT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # REF5030IDGKT
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5030IDGKT Datasheet(HTML) 21 Page - Texas Instruments

Back Button REF5030IDGKT Datasheet HTML 17Page - Texas Instruments REF5030IDGKT Datasheet HTML 18Page - Texas Instruments REF5030IDGKT Datasheet HTML 19Page - Texas Instruments REF5030IDGKT Datasheet HTML 20Page - Texas Instruments REF5030IDGKT Datasheet HTML 21Page - Texas Instruments REF5030IDGKT Datasheet HTML 22Page - Texas Instruments REF5030IDGKT Datasheet HTML 23Page - Texas Instruments REF5030IDGKT Datasheet HTML 24Page - Texas Instruments REF5030IDGKT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
www.ti.com
LAUNCHXL-F28379D Hardware
21
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
Table 9. LAUNCHXL-F28379D Bill of Materials (continued)
Item
#
Note
Part Number
Qty
REF
Desig
nator
Manufacturer
(Digi-Key)
Description
ROHS
(Digi-
Key)
Lead Free
Status
Reach
Status
(Digi-
Key)
Reach
Effective
Date
(Digi-
Key)
Availability
Description
(Digi-Key)
Manufacturer
Part Number
Digi-Key)
Digi-Key
Part Number
(Digi-Key)
12
Interface
FT2232HQ-REEL
1
U6
FTDI, Future
Technology
Devices
International Ltd
IC,Dual High Speed USB
to Multipurpose
UART/FIFO
IC,FT2232HQ-
REEL,QFN-64,SMD
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
IC USB HS DUAL
UART/FIFO 64-QFN
FT2232HQ-REEL
768-1025-1-ND
13
Interface
SN65HVD234DR
1
U3
Texas
Instruments
IC CAN transceiver 3.3V
8-SOIC
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
IC CAN
TRANSCEIVER 3.3V
8-SOIC
SN65HVD234DR
296-27991-1-ND
14
Isolator
ISO7231CDWR
1
U7
Texas
Instruments
IC DGTL ISO 3CH
CMOS
16SOIC,CUSTOMER
SUPPLY
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
DGTL ISO 2.5KV
GEN PURP 16SOIC
ISO7231CDWR
296-38966-1-ND
15
Isolator
ISO7240CDWR
1
U5
Texas
Instruments
IC DGTL ISO 4CH
CMOS
16SOIC,CUSTOMER
SUPPLY
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
DGTL ISO 2.5KV
GEN PURP 16SOIC
ISO7240CDWR
296-38555-1-ND
16
Thick film
Resistor
RC0402JR-070RL
4
R15, R33,
R43, R44
Yageo
RES,0R,±5%,1/16W,
SMD0402
YES
Lead Free
Reach
Not
Affected
Dec-2015
Active
RES SMD 0.0Ω
JUMPER 1/16W 0402
RC0402JR-070RL
311-0.0JRCT-ND
17
Thick film
Resistor
RC0402FR-
0749R9L
2
R59, R62
Yageo
RES,49R9,±1%,1/16W,
SMD0402
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 49.9 Ω 1%
1/16W 0402
RC0402FR-
0749R9L
311-49.9LRCT-ND
18
Thick film
Resistor
RC0402FR-071KL
13
R3,R13,
R22, R23,
R29, R36,
R37, R40,
R41, R48,
R49, R50,
R51
Yageo
RES,1K,±1%,1/16W,
SMD0402
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 1K Ω 1%
1/16W 0402
RC0402FR-071KL
311-1.00KLRCT-ND
19
Thick film
Resistor
RC0402FR-072KL
4
R56, R57,
R63, R64
Yageo
RES,2K,±1%,1/16W,
SMD0402
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 2K Ω 1%
1/16W 0402
RC0402FR-072KL
311-2KLRCT-ND
20
Thick film
Resistor
RC0402FR-072K2L
6
R2, R6,
R8, R9,
R10, R31
Yageo
RES,2K2,±1%,1/16W,
SMD0402
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 2.2K Ω 1%
1/16W 0402
RC0402FR-072K2L
311-2.20KLRCT-ND
21
Thick film
Resistor
RC0402FR-0710KL
7
R12, R14,
R35, R42,
R45,R60,
R61
Yageo
RES,10K,±1%,1/16W,
SMD0402
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 10K Ω 1%
1/16W 0402
RC0402FR-0710KL
311-10.0KLRCT-ND
22
Thick film
Resistor
RC0402FR-0712KL
1
R24
Yageo
RES,12K,±1%,1/16W,
SMD0402
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 12K Ω 1%
1/16W 0402
RC0402FR-0712KL
311-12.0KLRCT-ND
23
Thick film
Resistor
RC0402FR-
0730K1L
1
R17
Yageo
RES,30K1,±1%,1/16W,
SMD0402
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 30.1K Ω
1% 1/16W 0402
RC0402FR-
0730K1L
311-30.1KLRCT-ND
24
Thick film
Resistor
RC0402FR-
0739K2L
1
R55
Yageo
RES,39K2,±1%,1/16W,
SMD0402
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 39.2K Ω
1% 1/16W 0402
RC0402FR-
0739K2L
311-39.2KLRCT-ND
25
Thick film
Resistor
RC0402FR-
07100KL
1
R47
Yageo
RES,100K,±1%,1/16W,
SMD0402
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 100K Ω 1%
1/16W 0402
RC0402FR-
07100KL
311-100KLRCT-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com