Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5030IDGKT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # REF5030IDGKT
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5030IDGKT Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF5030IDGKT Datasheet HTML 13Page - Texas Instruments REF5030IDGKT Datasheet HTML 14Page - Texas Instruments REF5030IDGKT Datasheet HTML 15Page - Texas Instruments REF5030IDGKT Datasheet HTML 16Page - Texas Instruments REF5030IDGKT Datasheet HTML 17Page - Texas Instruments REF5030IDGKT Datasheet HTML 18Page - Texas Instruments REF5030IDGKT Datasheet HTML 19Page - Texas Instruments REF5030IDGKT Datasheet HTML 20Page - Texas Instruments REF5030IDGKT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
CAN
LEVEL SHIFT
A
B
I
GND
PWR
J14
J15
A
B
I
GND
PWR
TXB0106PWR
A1
1
A2
3
A3
4
A4
5
A5
6
A6
7
B1
16
B2
14
B3
13
B4
12
B5
11
B6
10
GND
9
OE
8
VCCA
2
VCCB
15
U2
2K2
1%
R2
SN65HVD234DR
CANH
7
CANL
6
D
1
EN
5
R
4
RS
8
U3
120R
1%
R34
2.54mm 1x3
1
2
3
J12
10K
1%
R35
10K
1%
R42
0R
5%
R43
0R
5%
R44
100nF
C31
100nF
C32
100nF
C37
2.54mm 1x3
1
2
3
J10
2.54mm 1x5
1
2
3
4
5
QEP_A
2.54mm 1x5
1
2
3
4
5
QEP_B
1K
1%
R13
1K
1%
R29
1K
1%
R48
1K
1%
R49
1K
1%
R50
1K
1%
R51
+5V
+3V3
GND
+3V3
GND
GND
GND
GND
GND
GND
+3V3
GND
+5V
+5V
GND
GND
GND
GND
+3V3
+5V
+5V
GPIO55
GPIO99
GPIO20
EQEP1A
EQEP1A
EQEP1B
EQEP1B
EQEP1I
EQEP1I
EQEP2A
EQEP2A
EQEP2B
EQEP2B
EQEP2I
EQEP2I
CANH
CANL
GPIO54
GPIO12
GPIO17
GPIO21
GPIO57
1nF
C50
1nF
C51
1nF
C52
1nF
C53
1nF
C54
1nF
C55
2.54mm 1x3
1
2
3
J16
GND
+5V
0R
5%
NI
R79
GND
Copyright © 2017, Texas Instruments Incorporated
www.ti.com
LAUNCHXL-F28379D Hardware
17
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
Figure 11. P10_EX-Headers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com