Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5030IDGKT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # REF5030IDGKT
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5030IDGKT Datasheet(HTML) 25 Page - Texas Instruments

Back Button REF5030IDGKT Datasheet HTML 21Page - Texas Instruments REF5030IDGKT Datasheet HTML 22Page - Texas Instruments REF5030IDGKT Datasheet HTML 23Page - Texas Instruments REF5030IDGKT Datasheet HTML 24Page - Texas Instruments REF5030IDGKT Datasheet HTML 25Page - Texas Instruments REF5030IDGKT Datasheet HTML 26Page - Texas Instruments REF5030IDGKT Datasheet HTML 27Page - Texas Instruments REF5030IDGKT Datasheet HTML 28Page - Texas Instruments REF5030IDGKT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
www.ti.com
LAUNCHXL-F28379D Hardware
25
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
Table 9. LAUNCHXL-F28379D Bill of Materials (continued)
Item
#
Note
Part Number
Qty
REF
Desig
nator
Manufacturer
(Digi-Key)
Description
ROHS
(Digi-
Key)
Lead Free
Status
Reach
Status
(Digi-
Key)
Reach
Effective
Date
(Digi-
Key)
Availability
Description
(Digi-Key)
Manufacturer
Part Number
Digi-Key)
Digi-Key
Part Number
(Digi-Key)
65
Pin Header
P101-1*05SGF-
116A-NX
2
QEP_A,
QEP_B
Connector,Pin
Header,Straight,Male,1x
5Pin,2.54MM
pitch,6.06,3.00,Gold
Flash 1u, black,DIP
66
Pin Header
P101-2*04SGF-
116A-NX
1
J21
Connector,Pin
Header,Straight,Male,2x
4Pin,2.54MM
pitch,6.06,3.00,Gold
Flash 1u, black,DIP
67
Pin Socket
CRD-081413-A-G
4
(J1,J3),(J
2?J4),(J5
?J7),(J6?
J8)
Connector,Pin
Socket,Straight,Female,2
x10Pin,2.54MM
pitch,8.51,9.91,Gold
Flash 10u, black,DIP
upgrade MPN. old part-
>CRD-081413-G-A
68
USB
Connector
897-43-005-00-
100001
1
CON1
Mill-Max
Manufacturing
Corp.
Connector,MiniUSB B
port,5 position,Right
Angle,Gold flash
30u,black,SMD
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
CONN RECEPT MINI-
USB TYPE B SMT
897-43-005-00-
100001
ED90341CT-ND
69
BTB
Connector
DF40C-60DP-
0.4V(51)
1
J9
Hirose Electric
Co Ltd
CONN HDR 60POS
0.4MM SMD GOLD TR
YES
Lead Free
Reach
Not
Affected
Dec-2015
Active
CONN HDR 60POS
0.4MM SMD GOLD
DF40C-60DP-
0.4V(51)
H11628CT-ND
70
Shunt
MJ501-EOGF-B-K
5
JP1,JP2,J
P3,JP4,J
P5
Connector,Shunt,open
type 2Pin,2.54MM
Pitch,6MM Height,Gold
Flash 1u,black,Bulk
71
Tactile Switch
B3F-3152
1
S3
Omron
Electronics Inc-
EMC Div
SWITCH TACTILE
SPST-NO 0.05A 24V
YES
Lead Free
Reach
Not
Affected
Dec-2015
Active
SWITCH TACTILE
SPST-NO 0.05A 24V
B3F-3152
SW410-ND
72
DIP Switch
219-3MST
1
S1
CTS
Electrocomponen
ts
Switch, DIP Switches,3
Position,2.54MM
Pitch,black housing,white
plunger,SMD
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
SWITCH SLIDE DIP
SPST 100MA 20V
219-3MST
CT2193MST-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com