Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-K2N Datasheet(PDF) 6 Page - JST Mfg. Co., Ltd.

Part # AP-K2N
Description  AP-K2N CRIMPING MACHINE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

AP-K2N Datasheet(HTML) 6 Page - JST Mfg. Co., Ltd.

Back Button AP-K2N Datasheet HTML 2Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 3Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 4Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 5Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 6Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 7Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 8Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 9Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 10Page - JST Mfg. Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
H:\0 - Quality Documents\2 Department\Tech Serv\Application tooling\Presses\AP-K2N\TS010-00 AP-K2N Operation
Manual.doc
3. PREPARING FOR OPERATION
3.1 Mounting the Reel Hanger
Due to packing considerations, when you receive the
machine the reel hanger is not mounted on the machine.
Assemble the reel hanger then mount it on the machine
as illustrated below.
3.2 Mounting the applicator (All types)
Step 1
Loosen bolts A & B with a 5mm hexagon wrench
supplied with the tool-kit.
Step 2
Remove the protective rubber collar from under the dials
on the applicator ram.
Step 3
Place the applicator on the base-plate of the crimping
machine. Pull up the applicator ram whilst simultan-
eously pushing the feed lever in the direction of the
arrow shown in the photograph below, so that the collar
on the shank slides into the groove on the press ram.
Then push the applicator fully back into the press.
CAUTION
ENSURE THAT THE SHANK IS CORRECTLY
LOCATED IN THE RAM. THERE IS A DANGER OF
MAJOR TOOLING DAMAGE IF THE TOOLING IS NOT
LOCATED CORRECTLY (AS IN THE PHOTOGRAPH
BELOW).
Step 4
Securely fasten the clamps with the 5 mm hexagon key,
and visually check that the tooling is mounted correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com