| Electronic Components Datasheet Search |
|
AP-K2N Datasheet(PDF) 12 Page - JST Mfg. Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
AP-K2N Datasheet(HTML) 12 Page - JST Mfg. Co., Ltd. |
|
12 / 37 page ![]() 12 H:\0 - Quality Documents\2 Department\Tech Serv\Application tooling\Presses\AP-K2N\TS010-00 AP-K2N Operation Manual.doc 4. CONTROL BOX CONFIGURATION 1. Counter Counts the number of crimped terminations. Reset the counter to 0 to begin counting operations. 2. Reset Push-button Press this button to reset the counter (resets the counter to 0) 3. Function Indicator Lamps • Rear Cover The rear cover indicator lamp is lit when the belt-cover is open. Whilst this lamp is lit, the motor does not operate even if the Power On push-button is pushed. CAUTION DO NOT OPEN THE BELT COVER WHILST MOTOR IS RUNNING, BECAUSE THE FLYWHEEL CONTINUES TO ROTATE FOR A FEW SECONDS AFTER THE MOTOR IS TURNED OFF DUE TO INERTIA STORED IN THE FLYWHEEL. • Auto Power-Off When the crimping operation stops for a period of approximately 3 minutes or more, for example when you unintentionally leave the motor running after finishing work or temporarily stop the operation, the motor automatically stops and the Auto Power- off indicator lamp illuminates. If the Rear Cover indicator illuminates, close the cover and press the Power On push-button to restart. If the Auto Power Off indicator illuminates, just press the Power On push-button to restart. 4. Power On Push-button (green Indicator Lamp) Press this button to turn on the motor. The green indicator lamp illuminates and stays lit whilst the motor is running. 5. Power Off Push-button (Red Indicator Lamp) Press this button to turn off the motor. The red Power Off indicator lamp illuminates. 6. Circuit Protector Push-button (Thermal Overload device) When the crimping machine is overloaded, the Circuit Protector push-button ‘pops out’, and the motor stops. Wait for at least one minute, press the Circuit Protector Push-button in, then press the Power On push-button. Contact the JST Service Department if you think that the Circuit Protector is activated too often because the press may require attention. 7. Operation Light Switch (Ope. Light) This switch controls the Worklamp. Press it to the right to turn the light on, and to the left to turn it off. The lamp-bulb is rated at 40 Watts and is of the ‘Rough Service’ type. Do not exceed 40 Watts because the surface temperature of the worklamp exceeds the maximum recommended temperature. 1. COUNTER 2. RESET 3. FUNCTION INDICATOR LAMPS 4. POWER ON PUSH-BUTTON (GREEN) 5. POWER OFF PUSH-BUTTON (RED) 6. CIRCUIT PROTECTOR PUSH-BUTTON 7. OPERATION LAMP SWITCH |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |