Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS108-8SN Datasheet(PDF) 6 Page - STMicroelectronics

Part # ACS108-8SN
Description  0.8 A - 800 V overvoltage protected AC switch (ACSTM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-8SN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ACS108-8SN Datasheet HTML 2Page - STMicroelectronics ACS108-8SN Datasheet HTML 3Page - STMicroelectronics ACS108-8SN Datasheet HTML 4Page - STMicroelectronics ACS108-8SN Datasheet HTML 5Page - STMicroelectronics ACS108-8SN Datasheet HTML 6Page - STMicroelectronics ACS108-8SN Datasheet HTML 7Page - STMicroelectronics ACS108-8SN Datasheet HTML 8Page - STMicroelectronics ACS108-8SN Datasheet HTML 9Page - STMicroelectronics ACS108-8SN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Figure 11. Relative variation of static dV/dt immunity
versus junction temperature (typical values above 5
kV/µs)
dV/dt [ Tj] / dV/dt [ Tj=125°C]
0
1
2
3
4
5
25
50
75
100
125
VD=VR=536V
Tj(°C)
Figure 12. Relative variation of leakage current versus
junction temperature
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
IDRM/IRRM [Tj;V DRM/VRRM]/IDRM/IRRM [Tj=125°C;800 V]
VDRM=VRRM=600 V
VDRM=VRRM=800 V
Tj(°C)
Figure 13. Relative variation of critical rate of decrease of
main current (di/dt)c versus (dV/dt)c
(dI/dt)c [ (dV/dt) c ] / Specified(dI/dt)c
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1.0
10.0
100.0
Tj =125 °C
(dV/dt) c (V/µs)
Figure 14. Thermal resistance junction to ambient versus
copper surface under tab
Rth(j-a)(°C/W)
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SOT-223
SCU(cm²)
Printed circuit board FR4
copper thickness = 35 µm
ACS108-8SN
Characteristics (curves)
DS12893 - Rev 2
page 6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com