Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS108-8SN Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACS108-8SN
Description  0.8 A - 800 V overvoltage protected AC switch (ACSTM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-8SN Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ACS108-8SN Datasheet HTML 3Page - STMicroelectronics ACS108-8SN Datasheet HTML 4Page - STMicroelectronics ACS108-8SN Datasheet HTML 5Page - STMicroelectronics ACS108-8SN Datasheet HTML 6Page - STMicroelectronics ACS108-8SN Datasheet HTML 7Page - STMicroelectronics ACS108-8SN Datasheet HTML 8Page - STMicroelectronics ACS108-8SN Datasheet HTML 9Page - STMicroelectronics ACS108-8SN Datasheet HTML 10Page - STMicroelectronics ACS108-8SN Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2
Alternating current mains switch - basic application
The ACS108 switch is triggered by a negative gate current flowing from the gate pin G. The switch can be driven
directly by the digital controller through a resistor as shown in Figure 15. Typical application schematic
Thanks to its overvoltage protection and turn-off commutation performance, the ACS108 switch can drive a small
power high inductive load with neither varistor nor additional turn-off snubber.
Figure 15. Typical application schematic
MCU
M
AC Mains
Rg = 220 Ohm
Vdd
Vss
OUT
COM
GATE
ACS108
Solenoid
Motor
Lamp
2.1
Protection against overvoltage: the best choice is ACS
In comparison with standard Triacs the ACS108 is over-voltage self-protected, as specified by the parameter VCL.
This feature is useful in two operating conditions: in case of turn-off of very inductive load, and in case of surge
voltage that can occur on the electrical network.
2.1.1
High inductive load switch-off: turn-off overvoltage clamping
With high inductive and low rms current loads the rate of decrease of the current is very low. An overvoltage can
occur when the gate current is removed and the OUT current is lower than IH.
As shown in Figure 16. Switching off of a high inductive load - typical clamping capability of ACS108 (Tamb = 25
°C), at the end of the last conduction half-cycle, the load current decreases ① . The load current reaches the
holding current level IH ② , and the ACS turns off ③ . The water valve, as an inductive load (up to 15 H), reacts
as a current generator and an overvoltage is created, which is clamped by the ACS ④ . The current flows through
the ACS avalanche and decreases linearly to zero. During this time, the voltage across the switch is limited to the
clamping voltage VCL. The energy stored in the inductance of the load is dissipated in the clamping section that is
ACS108-8SN
Alternating current mains switch - basic application
DS12893 - Rev 2
page 7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com