Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS108-8SN Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACS108-8SN
Description  0.8 A - 800 V overvoltage protected AC switch (ACSTM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-8SN Datasheet(HTML) 1 Page - STMicroelectronics

  ACS108-8SN Datasheet HTML 1Page - STMicroelectronics ACS108-8SN Datasheet HTML 2Page - STMicroelectronics ACS108-8SN Datasheet HTML 3Page - STMicroelectronics ACS108-8SN Datasheet HTML 4Page - STMicroelectronics ACS108-8SN Datasheet HTML 5Page - STMicroelectronics ACS108-8SN Datasheet HTML 6Page - STMicroelectronics ACS108-8SN Datasheet HTML 7Page - STMicroelectronics ACS108-8SN Datasheet HTML 8Page - STMicroelectronics ACS108-8SN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
COM
G
SOT-223
COM
OUT
OUT
COM
G
COM
Common drive reference to connect
to the mains
OUT
Output to connect to the load.
G
Gate input to connect to the controller
through gate resistor
Features
•
Enables equipment to meet IEC 61000-4-5 surge with overvoltage crowbar
technology
•
High noise immunity against static dV/dt and IEC 61000-4-4 burst
•
Needs no external protection snubber or varistor
•
Reduces component count by up to 80% and Interfaces directly with the micro-
controller
•
Common package tab connection supports connection of several alternating
current switches on the same cooling pad
•
VCL gives headroom before clamping then crowbar action
Applications
•
Alternating current on/off static switching in appliances and industrial control
systems
•
Driving low power high inductive or resistive loads like:
–
relay, valve, solenoid, dispenser
–
pump, fan, low power motor, door lock, air flow dumper
–
lamp
Description
The ACS108-8SN belongs to the AC switch range (built with A. S. D.® technology).
This high performance switch can control a load of up to 0.8 A.
This device switch includes an overvoltage crowbar structure to absorb the inductive
turn-off energy, and a gate level shifter driver to separate the digital controller from
the main switch. It is triggered with a negative gate current flowing out of the gate pin.
Note:
®: A.S.D. is a registered trademark of STMicroelectronics
Note:
TM: ACS is a trademark of STMicroelectronics
Product status link
ACS108-8SN
Product summary
IT(RMS)
0.8 A
VDRM, VRRM
800 V
IGT
10 mA
0.8 A - 800 V overvoltage protected AC switch (ACS™)
ACS108-8SN
Datasheet
DS12893 - Rev 2 - August 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ACS108-8SN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS108-8SA STMICROELECTRONICS-ACS108-8SA Datasheet
290Kb / 13P
0.8 A - 800 V overvoltage protected AC switch (ACS™)
25-Feb-2019
ACS108-8SA-AP STMICROELECTRONICS-ACS108-8SA-AP Datasheet
290Kb / 13P
0.8 A - 800 V overvoltage protected AC switch (ACS™)
25-Feb-2019
ACS108-8SA-TR STMICROELECTRONICS-ACS108-8SA-TR Datasheet
290Kb / 13P
0.8 A - 800 V overvoltage protected AC switch (ACS™)
25-Feb-2019
ACS108-8SUN STMICROELECTRONICS-ACS108-8SUN Datasheet
369Kb / 12P
Overvoltage protected AC switch (ACS??
July 2014 Rev 1
ACS108-8SUN-TR STMICROELECTRONICS-ACS108-8SUN-TR Datasheet
369Kb / 12P
Overvoltage protected AC switch (ACS??
July 2014 Rev 1
More results

Similar Description - ACS108-8SN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
AC switch family Transient voltage protected AC Switch (ACSTM)
05-Jan-2005
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
AC switch family Transient protected AC switch ACSTM
05-Jan-2006
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
153Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST410-8BTR STMICROELECTRONICS-ACST410-8BTR Datasheet
159Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
ACST4-7SB STMICROELECTRONICS-ACST4-7SB Datasheet
159Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
ACST1010-7T STMICROELECTRONICS-ACST1010-7T Datasheet
168Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST310-8FP STMICROELECTRONICS-ACST310-8FP Datasheet
310Kb / 14P
Overvoltage protected AC switch
10-Jul-2015
ACS108-8TN STMICROELECTRONICS-ACS108-8TN Datasheet
548Kb / 14P
Overvoltage protected AC switch (ACSTM)
June 2016 Rev 1
ACS108-8SA STMICROELECTRONICS-ACS108-8SA Datasheet
290Kb / 13P
0.8 A - 800 V overvoltage protected AC switch (ACS™)
25-Feb-2019
ACS108-6SN STMICROELECTRONICS-ACS108-6SN Datasheet
296Kb / 14P
0.8 A - 600 V overvoltage protected AC switch (ACS™)
07-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com