Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS108-8SN Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACS108-8SN
Description  0.8 A - 800 V overvoltage protected AC switch (ACSTM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-8SN Datasheet(HTML) 3 Page - STMicroelectronics

  ACS108-8SN Datasheet HTML 1Page - STMicroelectronics ACS108-8SN Datasheet HTML 2Page - STMicroelectronics ACS108-8SN Datasheet HTML 3Page - STMicroelectronics ACS108-8SN Datasheet HTML 4Page - STMicroelectronics ACS108-8SN Datasheet HTML 5Page - STMicroelectronics ACS108-8SN Datasheet HTML 6Page - STMicroelectronics ACS108-8SN Datasheet HTML 7Page - STMicroelectronics ACS108-8SN Datasheet HTML 8Page - STMicroelectronics ACS108-8SN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Table 3. Static electrical characteristics
Symbol
Test conditions
Value
Unit
VTM (1)
ITM = 1.1 A, tp = 500 μs
Tj = 25 °C
Max.
1.3
V
VTO(1)
Threshold voltage
Tj = 125 °C
Max.
0.85
V
Rd(1)
Dynamic resistance
Tj = 125 °C
Max.
300
mΩ
IDRM
IRRM
VOUT = VDRM/ VRRM
Tj = 25 °C
Max.
2
µA
Tj = 125 °C
0.2
mA
1. For both polarities of OUT pin referenced to COM pin
Table 4. Thermal characteristics
Symbol
Parameter
Max. value
Unit
Rth(j-t)
Junction to tab (AC)
25
°C/W
Rth(j-a)
Junction to ambient
S = 5 cm²
Max.
60
ACS108-8SN
Characteristics
DS12893 - Rev 2
page 3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com