Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGYA50M120DF3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGYA50M120DF3
Description  Trench gate field-stop, 1200 V, 50 A, low-loss M series IGBT in a Max247 long leads package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGYA50M120DF3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGYA50M120DF3 Datasheet HTML 3Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 4Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 5Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 6Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 7Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 8Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 9Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 10Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Figure 13. Capacitance variations
103
102
101
10-1
100
101
102
103
C
(pF)
VCE (V)
GADG270720211203CVR
f = 1 MHz
Cies
Coes
Cres
Figure 14. Gate charge vs gate-emitter voltage
GADG270720211203GCGE
15
12
9
6
3
0
0
40
80
120
160
200
VGE
(V)
Qg (nC)
VCC = 960 V, IC = 50 A,
IG = 17.7 mA
Figure 15. Switching energy vs collector current
GADG270720211208SLC
9
6
3
0
0
20
40
60
80
100
E
(mJ)
IC (A)
VGE = 15 V, TJ = 175
℃
6
10
Eon
Eoff
Figure 16. Switching energy vs gate resistance
GADG270720211209SLG
6
5
4
3
2
0
5
10
15
20
E
(mJ)
RG (Ω)
Eon
Eoff
TJ = 175
℃, VGE = 15 V
IC = 50 A,
6
Figure 17. Switching energy vs junction temperature
GADG270720211208SLT
5
4
3
2
1
0
50
100
150
E
(mJ)
TJ (°C)
Eon
Eoff
RG = 10 Ω, VGE = 15 V
IC = 50 A,
6
Figure 18. Switching energy vs collector emitter voltage
GADG270720211209SLV
6
5
4
3
2
1
350
450
550
650
750
850
E
(mJ)
VCE (V)
Eon
Eoff
VGE= 15 V, TJ = 175
℃
IC = 50 A, RG = 10 Ω,
STGYA50M120DF3
Electrical characteristics (curves)
DS13799 - Rev 2
page 7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com