Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGYA50M120DF3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGYA50M120DF3
Description  Trench gate field-stop, 1200 V, 50 A, low-loss M series IGBT in a Max247 long leads package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGYA50M120DF3 Datasheet(HTML) 1 Page - STMicroelectronics

  STGYA50M120DF3 Datasheet HTML 1Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 2Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 3Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 4Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 5Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 6Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 7Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 8Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Max247 long leads
TAB
1
2
3
1
2
3
TAB
C(2, TAB)
E(3)
NG1E3C2T
G(1)
Features
•
Maximum junction temperature: TJ = 175 °C
•
10 μs of short-circuit withstand time
•
Low VCE(sat) = 1.7 V (typ.) @ IC = 50 A
•
Tight parameter distribution
•
Positive VCE(sat) temperature coefficient
•
Low thermal resistance
•
Soft- and fast-recovery antiparallel diode
Applications
•
Industrial drives
•
UPS
•
Solar inverters
•
General purpose inverter
Description
This device is an IGBT developed using an advanced proprietary trench gate field-
stop structure. The device is part of the M series IGBTs, which represent an optimal
balance between inverter system performance and efficiency where the low-loss
and the short-circuit functionality is essential. Furthermore, the positive VCE(sat)
temperature coefficient and the tight parameter distribution result in safer paralleling
operation.
Product status link
STGYA50M120DF3
Product summary
Order code
STGYA50M120DF3
Marking
G50M120DF3
Package
Max247 long leads
Packing
Tube
Trench gate field-stop, 1200 V, 50 A, low-loss M series IGBT
in a Max247 long leads package
STGYA50M120DF3
Datasheet
DS13799 - Rev 2 - October 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STGYA50M120DF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGYA50H120DF2 STMICROELECTRONICS-STGYA50H120DF2 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 50 A, high-speed H series IGBT in a Max247 long leads package
12-Jan-2022
More results

Similar Description - STGYA50M120DF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
31-Oct-2014
STGW25M120DF3 STMICROELECTRONICS-STGW25M120DF3 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
31-Oct-2014
STGW40M120DF3 STMICROELECTRONICS-STGW40M120DF3 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 1200 V, 40 A low loss
10-Nov-2014
STGP15M120F3 STMICROELECTRONICS-STGP15M120F3 Datasheet
429Kb / 15P
Trench gate field-stop, 1200 V, 15 A, low-loss M series IGBT in a TO-220 package
01-Aug-2018
STGP8M120DF3 STMICROELECTRONICS-STGP8M120DF3 Datasheet
343Kb / 15P
Trench gate field-stop, 1200 V, 8 A, low-loss M series IGBT in a TO-220 package
19-Apr-2018
STGYA50H120DF2 STMICROELECTRONICS-STGYA50H120DF2 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 50 A, high-speed H series IGBT in a Max247 long leads package
12-Jan-2022
STGYA75H120DF2 STMICROELECTRONICS-STGYA75H120DF2 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 75 A, high-speed H series IGBT in a Max247 long leads package
13-Oct-2021
STGYA120M65DF2AG STMICROELECTRONICS-STGYA120M65DF2AG Datasheet
2Mb / 14P
Automotive-grade trench gate field-stop, 650 V, 120 A, low-loss, M series IGBT in a Max247 long leads package
16-Nov-2022
GWA40MS120DF4AG STMICROELECTRONICS-GWA40MS120DF4AG Datasheet
340Kb / 15P
Automotive-grade trench gate field-stop, 1200 V, 40 A, low-loss MS series IGBT in a TO-247 long leads package
01-Feb-2023
STG50M120F3D7 STMICROELECTRONICS-STG50M120F3D7 Datasheet
243Kb / 10P
Trench gate field-stop 1200 V, 50 A low-loss M series IGBT die in D7 packing
17-Aug-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com