Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGYA50M120DF3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGYA50M120DF3
Description  Trench gate field-stop, 1200 V, 50 A, low-loss M series IGBT in a Max247 long leads package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGYA50M120DF3 Datasheet(HTML) 4 Page - STMicroelectronics

  STGYA50M120DF3 Datasheet HTML 1Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 2Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 3Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 4Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 5Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 6Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 7Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 8Page - STMicroelectronics STGYA50M120DF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Table 5. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 600 V, IC = 50 A,
VGE = 15 V, RG = 10 Ω
(see Figure 28. Test circuit for inductive
load switching)
38
-
ns
tr
Current rise time
16
-
ns
(di/dt)on
Turn-on current slope
2580
-
A/µs
td(off)
Turn-off delay time
258
-
ns
tf
Current fall time
142
-
ns
Eon(1)
Turn-on switching energy
2
-
mJ
Eoff(2)
Turn-off switching energy
3.2
-
mJ
Ets
Total switching energy
5.2
-
mJ
td(on)
Turn-on delay time
VCE = 600 V, IC = 50 A,
VGE = 15 V, RG = 10 Ω, TJ = 175 °C
(see Figure 28. Test circuit for inductive
load switching)
36
-
ns
tr
Current rise time
18
-
ns
(di/dt)on
Turn-on current slope
2400
-
A/µs
td(off)
Turn-off delay time
296
-
ns
tf
Current fall time
311
-
ns
Eon(1)
Turn-on switching energy
3.2
-
mJ
Eoff(2)
Turn-off switching energy
5.4
-
mJ
Ets
Total switching energy
8.6
-
mJ
tsc
Short-circuit withstand time
VCC ≤ 600 V, VGE = 15 V, TJstart ≤ 150 °C
10
-
µs
1. Including the reverse recovery of the diode.
2. Including the tail of the collector current.
Table 6. Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 50 A, VR = 600 V,
VGE = 15 V, di/dt = 1700 A/µs
(see Figure 28. Test circuit for inductive
load switching)
-
325
-
ns
Qrr
Reverse recovery charge
-
2.2
-
µC
Irrm
Reverse recovery current
-
20
-
A
dIrr/dt
Peak rate of fall of reverse
recovery current during tb
-
60
-
A/µs
Err
Reverse recovery energy
-
1.1
-
mJ
trr
Reverse recovery time
IF = 50 A, VR = 600 V,
VGE = 15 V, di/dt = 1700 A/µs, TJ = 175 °C
(see Figure 28. Test circuit for inductive
load switching)
-
750
-
ns
Qrr
Reverse recovery charge
-
7.65
-
µC
Irrm
Reverse recovery current
-
41
-
A
dIrr/dt
Peak rate of fall of reverse
recovery current during tb
-
65
-
A/µs
Err
Reverse recovery energy
-
3.47
-
mJ
STGYA50M120DF3
Electrical characteristics
DS13799 - Rev 2
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com