Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLSD2-TH Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # WLSD2-TH
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD2-TH Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button WLSD2-TH Datasheet HTML 2Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 3Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 4Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 5Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 6Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 7Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 8Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 9Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
WL-N/WLM-N
6
R38
R50
R63
R25 to 89
25 to 140
350 to 380
427.5
According to Form of Operation
Detection object
Key specifications
Models
Adjustable between
dog and lever
Cams or
workpieces with
vertical movement
Round-trip
operation of
passing dogs
Dogs or workpieces
with large
deflection
Dogs and
workpieces
(Mounts in any of
4 directions)
Passing dogs,
high sensitivity
General
Passing dogs
High precision
● Short lever
● One-Horizontal operation possible.
● Head mounts in any of 4 directions.
● Medium lever
● One-side operation possible.
● Head mounts in any of 4 directions.
● Long lever
● One-side operation possible.
● Head mounts in any of 4 directions.
● Head mounts in any of 4 directions.
● Head mounts in any of 4 directions.
● Head mounts in any of 4 directions.
● Head mounts in any of 4 directions.
● Head mounts in any of 4 directions.
● Head mounts in any of 4 directions.
● Equipped with sealing boot.
● Equipped with sealing boot.
● Equipped with sealing boot.
● Head mounts in any of 4 directions.
● One-side operation possible.
● Head mounts in any of 4 directions.
● One-side operation possible.
● Head mounts in any of 4 directions.
● One-Horizontal operation possible.
● Head mounts in any of 4 directions.
● One-Horizontal operation possible.
● Head mounts in any of 4 directions.
WLGCA2-N
General-purpose Switches
WLGCA2-
@S-N Spatter-prevention Switches
WLMGCA2-N
Long-life Switches
WLG2-N
General-purpose Switches
WLG2-
@S-N
Spatter-prevention Switches
WLMG2-N
Long-life Switches
WLCA2-N
General-purpose Switches
WLCA2-2-N
General-purpose Switches
WLCA2-2N-N
General-purpose Switches
WLCA2-
@S-N
Spatter-prevention Switches
WLMCA2-N
Long-life Switches
WLSD2-N
Horizontal-roller Plunger Actuator
WLD28-N
Sealed Top-roller Plunger Actuator
WLSD3-N
Horizontal-ball Plunger Actuator
WLSD-N
Horizontal Plunger Actuator
WLD18-N
Sealed Top Plunger Actuator
WLD38-N
Sealed Top-ball Plunger Actuator
WLCA32-44-N
Fork Lever Lock Actuator
WLCA32-43-N
Fork Lever Lock Actuator
WLCA32-42-N
Fork Lever Lock Actuator
WLCA32-41-N
Fork Lever Lock Actuator
WLCAL5-N
Rod Spring Lever Actuator
WLCAL4-N
Adjustable Rod Lever Actuator
WLCL-N
Adjustable Rod Lever Actuators
WL
@12-N
Adjustable Roller Lever Actuators
WL
@2-8-N
Roller Lever Actuators
WL
@2-7-N
Roller Lever Actuators
WL
@2-N
Roller Lever Actuators
WL
@2-@S-N
Roller Lever Actuators
WLM
@2-N
Roller Lever Actuators
90°
90°
5°
90°
90°
10°
90°
90°
25°
20°
15°
TT (total travel)
PT (pretravel)
WLCA2-NWLCA2-2-NWLCA2-2N-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com