Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLSD2-TH Datasheet(PDF) 37 Page - Omron Electronics LLC

Part # WLSD2-TH
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD2-TH Datasheet(HTML) 37 Page - Omron Electronics LLC

Back Button WLSD2-TH Datasheet HTML 33Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 34Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 35Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 36Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 37Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 38Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 39Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 40Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 41Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
WL-N/WLM-N
37
Switches with Roller Lever Actuators
Switches with Sealed Top-roller Plungers
Note: 1. Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
2. The above diagrams are for Indicator-equipped Switches.
Spatter-prevention Switches
Actuator
Switches with Roller Lever Actuators
Switches with Sealed Top-
roller Plungers
Operating characteristics
Basic Switches
High-sensitivity
Switches
High-precision
Switches
Operating force
Release force
Pretravel
Overtravel
Movement Differential
OF
RF
PT
OT
MD
max.
min.
min.
max.
13.34 N
1.18 N
15
±5°
70
°
12
°
13.34 N
1.18 N
10
°
80
°
7
°
13.34 N
1.18 N
5
°
80
°
3
°
16.67 N
4.41 N
Max.1.7 mm
5.6 mm
1 mm
Operating position
Total travel position
OT
TTP max.
—
—
—
—
—
—
44±0.8 mm
39.5 mm
17.5
×7 dia. *
(125)
(4.9)
(15.1)
40±0.7
30.2±0.2
R38
Two, M3.5
M5
Allen-head bolt
Fluorine
resin cap
Three, M4
JIS B 0202 G½
Four, 5.2 dia. holes
* Stainless sintered roller
58.7±0.2
14.7
5
68.7
21.6
53.2±0.8
42 max.
29.2±1.2
Four, M6
Depth: 15 min
25.4
60 max.
12.7
40±1.5
41.5±1.5
53±1.5
25.4
13.1
Switches with Screw Terminals
Basic Switches
WLCA2-
@S-N
High-sensitivity Switches
WLG2-
@S-N
High-precision Switches
WLGCA2-
@S-N
The only difference in the shape for High-sensitivity and
High-precision Switches is the set position marker plate.
Four, M6
Depth: 15 min
40±0.7
30.2±0.2
* Stainless sintered roller
17.5
×7 dia. *
SC-1M
(125)
(4.9)
(15.1)
58.7±0.2
14.7
Two, M3.5
M5
Allen-head bolt
Three, M4
Four, 5.2 dia. holes
5
XS2H-D421
R38
53.2±0.8
42 max.
68.7
25.4
60 max.
41.5±1.5
40±1.5
300
53±1.5
25.4
13.1
12.7
+100
−50
29.2±1.2
Fluorine
resin cap
Switches with Pre-wired Connectors
WLCA2-
@S-M1J-N
PT
*
Stainless sintered roller
14.3 dia.×5 *
Two, M3.5
OP
42 max.
13.1
12.9
21.6
Depth: 15 min
JIS B 0202 G½
Four, M6
29.2±1.2
68.7
Rubber cap
(fluorine rubber)
Three, M4
Four, 5.2 dia. holes
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
Switches with Screw Terminals
WLD28-
@S-N
*
Stainless sintered roller
42 max.
13.1
12.9
Depth: 15 min
Four, M6
29.2±1.2
68.7
Rubber cap
(fluorine rubber)
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
Three, M4
XS2H-D421
14.3 dia.×5 *
Two, M3.5
Four, 5.2 dia. holes
SC-1M
−50
+100
300
PT
OP
Switches with Pre-wired Connectors
WLD28-
@S-M1J-N
+2°
−1°
+2°
0
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com