Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLSD2-TH Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # WLSD2-TH
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD2-TH Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button WLSD2-TH Datasheet HTML 21Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 22Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 23Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 24Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 25Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 26Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 27Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 28Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 29Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
WL-N/WLM-N
25
Approved Standards
Approved Standard Ratings
UL/cUL (UL508, CSA C22.2 No.14)
A600 Authentication conditions
B600 Authentication conditions
C300 Authentication conditions
A300 Authentication conditions
General-purpose/ Environment-resistant/ Spatter-prevention Switches
Agency
Standard
File No.
Approved models
UL
UL508
Contact your OMRON representative for information
Contact your OMRON representative for information
CSA C22.2 No.14
TÜV Rheinland
EN60947-5-1
CCC (CQC)
GB14048.5
Specifications
Approved Standards
Indicator
Sensor I/O connectors
Item
No indicator
No Connector
Basic Switches
A600
1 A, 125 VDC
High-sensitivity or high-precision
B600
0.5 A, 125 VDC
Pre-wired Connector (AC)
Basic, high-sensitivity, or high-precision
C300
3 A, 250 VAC
Pre-wired Connector (DC)
Direct-wired Connector (DC)
Basic Switches
1 A, 125 VDC
High-sensitivity or high-precision
0.5 A, 125 VDC
Neon lamp
No Connector
Basic Switches
A300
10 A, 250 VAC
High-sensitivity or high-precision
B300
5 A, 250 VAC
Pre-wired Connector (AC)
Basic, high-sensitivity, or high-precision
C300
3 A, 250 VAC
LED
No Connector
Basic Switches
A150
10 A, 115 VAC
1 A, 115 VDC
High-sensitivity or high-precision
B150
5 A, 115 VAC
0.5 A, 115 VDC
Pre-wired Connector (AC)
Basic, high-sensitivity, or high-precision
C150
3 A, 115 VAC
Pre-wired Connector (DC)
Direct-wired Connector (DC)
Basic Switches
1 A, 115 VDC
High-sensitivity or high-precision
0.5 A, 115 VDC
Rated voltage
Energizing current
Current (A)
Volt-ampere (VA)
Make
Break
Make
Break
120 VAC
240 VAC
480 VAC
600 VAC
10 A
60
30
15
12
6
3
1.5
1.2
7,200
720
Rated voltage
Energizing current
Current (A)
Volt-ampere (VA)
Make
Break
Make
Break
120 VAC
240 VAC
480 VAC
600 VAC
5 A
30
15
7.5
6
3
1.5
0.75
0.6
3,600
360
Rated voltage
Energizing current
Current (A)
Volt-ampere (VA)
Make
Break
Make
Break
120 VAC
240 VAC
2.5 A
15
7.5
1.5
0.75
1,800
180
Rated voltage
Energizing current
Current (A)
Volt-ampere (VA)
Make
Break
Make
Break
120 VAC
240 VAC
10 A
60
30
6
3
7,200
720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com