Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLSD2-TH Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # WLSD2-TH
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD2-TH Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button WLSD2-TH Datasheet HTML 16Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 17Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 18Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 19Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 20Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 21Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 22Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 23Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
WL-N/WLM-N
20
*1. The default setting is light-ON when not operating (NO wiring).
Turn the lamp holder by 180° to change the setting to light-ON when operating (NC wiring).
(Ask your OMRON representative for information on 2-conductor models.)
*2. With 0.3-m cable.
Spatter-prevention Switches
Actuator
Roller lever: R38
Sealed top-roller
plunger
Double Nut Lever
Allen-head Lever
Indicator
Item
Pretravel (PT)
Model
Model
Model
Neon lamp
Basic
15
±5°
WLCA2-LEAS-N
WLCA2-LES-N
WLD28-LES-N
High-sensitivity
10
°
WLG2-LEAS-N
WLG2-LES-N
-----
High-precision
5
°
-----
WLGCA2-LES-N
-----
LED
Basic
15
±5°
WLCA2-LDAS-N
WLCA2-LDS-N
WLD28-LDS-N
High-sensitivity
10
°
WLG2-LDAS-N
WLG2-LDS-N
-----
High-precision
5
°
-----
WLGCA2-LDS-N
-----
Long-life Switches
Item
Operation indicator (LED) *1
Basic 15
±5°
High-sensitivity 10
°
High-precision 5
°
Actuator
Model
Model
Model
WLMCA2-LD-N
WLMG2-LD-N
WLMGCA2-LD-N
2 conductors
AC
WLMCA2-LDK13A-N
WLMG2-LDK13A-N
WLMGCA2-LDK13A-N
DC
WLMCA2-LDK13-N
WLMG2-LDK13-N
WLMGCA2-LDK13-N
4 conductors
AC
WLMCA2-LDK43A-N
WLMG2-LDK43A-N
-----
DC
WLMCA2-LDK43-N
WLMG2-LDK43-N
WLMGCA2-LDK43-N
2 conductors
DC
WLMCA2-LD-M1J-N
WLMG2-LD-M1J-N
WLMGCA2-LD-M1J-N
4 conductors
DC
WLMCA2-LD-DGJ-N
WLMG2-LD-DGJ-N
-----
+2
°
-1
°
+2
°
0
°
+2
°
-1
°
+2
°
0
°
+2
°
-1
°
+2
°
0
°
Roller lever: R38,
screw terminals
Roller lever,
direct-wired
connector
Roller lever,
pre-wired connector
*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com