Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2C35S12M3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # A2C35S12M3
Description  ACEPACK 2 converter inverter brake, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2C35S12M3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button A2C35S12M3 Datasheet HTML 2Page - STMicroelectronics A2C35S12M3 Datasheet HTML 3Page - STMicroelectronics A2C35S12M3 Datasheet HTML 4Page - STMicroelectronics A2C35S12M3 Datasheet HTML 5Page - STMicroelectronics A2C35S12M3 Datasheet HTML 6Page - STMicroelectronics A2C35S12M3 Datasheet HTML 7Page - STMicroelectronics A2C35S12M3 Datasheet HTML 8Page - STMicroelectronics A2C35S12M3 Datasheet HTML 9Page - STMicroelectronics A2C35S12M3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
1.2.2
Diode
Table 7. Absolute maximum ratings of the diode, brake stage
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1200
Vrms
IF
Continuous forward current (TC = 100 °C)
35
A
IFP(1)
Pulsed forward current (tp = 1 ms)
70
A
TJMAX
Maximum junction temperature
175
°C
TJop
Operating junction temperature range under switching conditions
-40 to 150
°C
1. Pulse width limited by maximum junction temperature
Table 8. Electrical characteristics of the diode, brake stage
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
(terminal)
Forward voltage
IF = 35 A
-
2.95
V
IF = 35 A, TJ = 150 ˚C
-
2.3
trr
Reverse recovery time
IF = 35 A, VR = 600 V, VGE = ±15 V,
di/dt = 1460 A/μs
-
200
ns
Qrr
Reverse recovery charge
-
2.7
µC
Irrm
Reverse recovery current
-
43
A
Erec
Reverse recovery energy
-
1.1
mJ
trr
Reverse recovery time
IF = 35 A, VR = 600 V, VGE = ±15 V,
di/dt = 1424 A/μs, TJ = 150 °C
-
380
ns
Qrr
Reverse recovery charge
-
6.8
µC
Irrm
Reverse recovery current
-
60
A
Erec
Reverse recovery energy
-
3.2
mJ
RTHj-c
Thermal resistance
junction-to-case
Each diode
-
0.80
0.90
°C/W
RTHc-h
Thermal resistance case-
to-heatsink
Each diode, λgrease = 1 W/(m·°C)
-
0.75
°C/W
A2C35S12M3
Brake stage
DS11506 - Rev 6
page 6/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com