Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2C35S12M3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # A2C35S12M3
Description  ACEPACK 2 converter inverter brake, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2C35S12M3 Datasheet(HTML) 1 Page - STMicroelectronics

  A2C35S12M3 Datasheet HTML 1Page - STMicroelectronics A2C35S12M3 Datasheet HTML 2Page - STMicroelectronics A2C35S12M3 Datasheet HTML 3Page - STMicroelectronics A2C35S12M3 Datasheet HTML 4Page - STMicroelectronics A2C35S12M3 Datasheet HTML 5Page - STMicroelectronics A2C35S12M3 Datasheet HTML 6Page - STMicroelectronics A2C35S12M3 Datasheet HTML 7Page - STMicroelectronics A2C35S12M3 Datasheet HTML 8Page - STMicroelectronics A2C35S12M3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ACEPACK 2
Features
•
ACEPACK 2 power module
–
DBC Cu Al2O3 Cu
•
Converter inverter brake topology
–
1600 V, very low drop rectifiers for converter
–
1200 V, 35 A IGBTs and diodes
–
Soft and fast recovery diode
•
Integrated NTC
•
UL recognition: UL 1557, file E81734
•
Isolation rating of 2500 Vrms/min
•
RoHS compliant
Applications
•
Inverters
•
Motor drives
Description
This power module is a converter-inverter brake (CIB) topology in an ACEPACK 2
package with NTC, integrating the advanced trench gate field-stop technology from
STMicroelectronics. This new IGBT technology represents the best compromise
between conduction and switching loss, to maximize the efficiency of any converter
system up to 20 kHz.
Product status
A2C35S12M3
Product summary
Order code
A2C35S12M3
Marking
A2C35S12M3
Package
ACEPACK 2
Leads type
Solder contact pins
ACEPACK 2 converter inverter brake, 1200 V, 35 A,
trench gate field
‑stop M series IGBT with soft diode and NTC
A2C35S12M3
Datasheet
DS11506 - Rev 6 - April 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - A2C35S12M3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A2C35S12M3-F STMICROELECTRONICS-A2C35S12M3-F Datasheet
1Mb / 19P
ACEPACKTM 2 converter inverter brake, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
More results

Similar Description - A2C35S12M3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A1C15S12M3-F STMICROELECTRONICS-A1C15S12M3-F Datasheet
963Kb / 20P
ACEPACKTM 1 converter inverter brake, 1200 V, 15 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
A1C15S12M3 STMICROELECTRONICS-A1C15S12M3 Datasheet
823Kb / 19P
ACEPACKTM 1 converter inverter brake, 1200 V, 15 A, trench gate field‑stop M series IGBT with soft diode and NTC
17-Oct-2018
A1P35S12M3-F STMICROELECTRONICS-A1P35S12M3-F Datasheet
949Kb / 16P
ACEPACKTM 1 sixpack topology, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
A1P35S12M3 STMICROELECTRONICS-A1P35S12M3 Datasheet
797Kb / 15P
ACEPACKTM 1 sixpack topology, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
A2C25S12M3 STMICROELECTRONICS-A2C25S12M3 Datasheet
948Kb / 18P
ACEPACK 2 converter inverter brake, 1200 V, 25 A, trench gate field‑stop M series IGBT with soft diode and NTC
A2C35S12M3-F STMICROELECTRONICS-A2C35S12M3-F Datasheet
1Mb / 19P
ACEPACKTM 2 converter inverter brake, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
A2C50S65M2-F STMICROELECTRONICS-A2C50S65M2-F Datasheet
1Mb / 18P
ACEPACKTM 2 converter inverter brake, 650 V, 50 A trench gate field‑stop M series IGBT with soft diode and NTC
A2C50S65M2 STMICROELECTRONICS-A2C50S65M2 Datasheet
952Kb / 16P
ACEPACKTM 2 converter inverter brake, 650 V, 50 A trench gate field-stop IGBT M series, soft diode and NTC
A2P75S12M3 STMICROELECTRONICS-A2P75S12M3 Datasheet
709Kb / 13P
ACEPACKTM 2 sixpack topology, 1200 V, 75 A trench gate field-stop IGBT M series, soft diode and NTC
A2C25S12M3-F STMICROELECTRONICS-A2C25S12M3-F Datasheet
1Mb / 18P
ACEPACKTM 2 converter inverter brake, 1200 V, 25 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com