Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2C35S12M3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # A2C35S12M3
Description  ACEPACK 2 converter inverter brake, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2C35S12M3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button A2C35S12M3 Datasheet HTML 3Page - STMicroelectronics A2C35S12M3 Datasheet HTML 4Page - STMicroelectronics A2C35S12M3 Datasheet HTML 5Page - STMicroelectronics A2C35S12M3 Datasheet HTML 6Page - STMicroelectronics A2C35S12M3 Datasheet HTML 7Page - STMicroelectronics A2C35S12M3 Datasheet HTML 8Page - STMicroelectronics A2C35S12M3 Datasheet HTML 9Page - STMicroelectronics A2C35S12M3 Datasheet HTML 10Page - STMicroelectronics A2C35S12M3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
1.3
Converter stage
Limiting values at TJ = 25 °C, unless otherwise specified.
Table 9. Absolute maximum ratings of the bridge rectifiers
Symbol
Description
Value
Unit
VRRM
Repetitive peak reverse voltage
1600
V
IF
RMS forward current
70
A
IFSM
Forward surge current, tp = 10 ms, TC = 25 °C
450
A
Forward surge current, tp = 10 ms, TC = 150 °C
365
I2t
tp = 10 ms, TC = 25 °C
1012
A2s
tp = 10 ms, TC = 150 °C
666
TJMAX
Maximum junction temperature
175
°C
TJop
Operating junction temperature range under switching conditions
-40 to 150
°C
Table 10. Electrical characteristics of the bridge rectifiers
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
(terminal)
Forward voltage
IF = 35 A
-
1.12
1.5
V
IF = 35 A, TJ = 150 ˚C
-
1.02
IR
Reverse current
TJ = 150 ˚C, VR = 1600 V
-
1
mA
RTHj-c
Thermal resistance junction-to-
case
Each diode
-
1.00
1.10
°C/W
RTHc-h
Thermal resistance case-to-
heatsink
Each diode, λgrease = 1 W/(m·°C)
-
0.95
°C/W
1.4
NTC
Table 11. NTC temperature sensor, considered as stand-alone
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
R25
Resistance
T = 25 °C
5
kΩ
R100
Resistance
T = 100 °C
493
Ω
ΔR/R
Deviation of R100
-5
+5
%
B25/50
B-constant
3375
K
B25/80
B-constant
3411
K
T
Operating temperature range
-40
150
°C
A2C35S12M3
Converter stage
DS11506 - Rev 6
page 7/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com