Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3751 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 12Page - STMicroelectronics L3751 Datasheet HTML 13Page - STMicroelectronics L3751 Datasheet HTML 14Page - STMicroelectronics L3751 Datasheet HTML 15Page - STMicroelectronics L3751 Datasheet HTML 16Page - STMicroelectronics L3751 Datasheet HTML 17Page - STMicroelectronics L3751 Datasheet HTML 18Page - STMicroelectronics L3751 Datasheet HTML 19Page - STMicroelectronics L3751 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Figure 12. SS/TRK clampler operation
6.4
Error amplifier
The error amplifier (EA) provides the error signal to be compared with the sawtooth to perform the pulse width
modulation. Its non-inverting input is internally connected to a 0.8 V voltage reference, while its inverting input
(FB) and output (COMP) are externally available for feedback and frequency compensation. In this device, the
error amplifier is a voltage mode operational amplifier so with high DC gain and low output impedance.
The uncompensated error amplifier characteristics are the following:
Table 8. Error amplifier characteristic
Characteristic
Value
Non-inverting input voltage reference voltage
800 mV
Low frequency gain (A0)
95 dB
GBWP
6.5 MHz
Output voltage swing
0.3 to 3.3 V
Source / sink current capability
20 / 45 mA
In continuous conduction working mode (CCM), the transfer function of the power section has two poles due to
the LC filter and one zero due to the ESR of the output capacitor. Different topologies of compensation networks
can be used depending on the ESR value of the output capacitor.
If the zero introduced by the output capacitor helps to compensate the double pole of the LC filter, a type II
compensation network can be used. Otherwise, a type III compensation network must be used (see Section xx
Compensation network for details on the compensation network design).
Anyway, the methodology to compensate the loop is to introduce zeros to obtain a safe phase margin.
6.5
Embedded gate driver supply
The embedded gate driver power supply is the 7.5 V typ. LDO regulator output available on the VCC pin for the
external compensation. Connect an mlcc capacitor value between 470 nF and 2.2 µF for proper operation.
The typical regulator dropout voltage is 250 mV @ VIN = 6 V, IVCC = 20 mA so the VCC voltage may drop at
input voltage lower than 7.75 V. Be aware that the VCC drop at low input voltage may increase “not logic level
MOSFET” RDSON, affecting nominal programmed OCP threshold and increasing switching / conduction losses.
For operation compatible with low input voltage, select “logic level MOSFET” with guaranteed maximum VTH = 4.5
V.
L3751
Error amplifier
DS13841 - Rev 1
page 16/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com