Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3751 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 24Page - STMicroelectronics L3751 Datasheet HTML 25Page - STMicroelectronics L3751 Datasheet HTML 26Page - STMicroelectronics L3751 Datasheet HTML 27Page - STMicroelectronics L3751 Datasheet HTML 28Page - STMicroelectronics L3751 Datasheet HTML 29Page - STMicroelectronics L3751 Datasheet HTML 30Page - STMicroelectronics L3751 Datasheet HTML 31Page - STMicroelectronics L3751 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
In order to minimize the RMS current flowing through the input filter and improve overall EMC performance, the
L3751 device provides a phase shift of 180° between the master and the slaves. If more than two devices are
synchronized, the phase shift is fixed and all slaves have a common 180° phase shift with respect to the master.
Considering two L3751 operating synchronized which regulate the same output voltage (i.e.: operating with the
same duty cycle), the input filter RMS current is minimized and is calculated as:
IRMS= IOUT2∙ 2D∙ 1−2D              if D<0.5
    IOUT2∙ 2D−1 ∙ 2−2D       if D>0.5
(26)
The graphical representation of the input RMS current of the input filter in the case of two devices with 0°
phase shift (synchronized to an external signal) or 180° phase shift (synchronized connecting their SYNCH pins)
regulating the same output voltage.
8.3
PCB board layout
The PCB board design is a crucial factor for the final application EMC and for the proper device operation in buck
converter topology, which is critical for inherent high dv/dt pulsed current paths. The scenario gets even more
complex for a controller with external MOSFETs because of additional gate-driving paths that are often internally
optimized in a monolithic device.
Figure 29. Pulsed current paths in buck topology
Figure 29 shows the current paths in buck topology: at TON inception, when the HS (“high-side switch”) is closed,
an impulsive current, green-dotted trace, flows from VIN to the LS (“low-side switch”) diode to recover the majority
gate charge in spatial zone; that is the Qrr for the diode reverse recovery operation from forward biasing. This
pulsed current level can be much higher than load current: the gate charge amount depends on the diode p-n
junction and the peak current is limited only by parasitic. When the diode is reverse bias, the LX node rises and
the HS current becomes the inductor current, so the output current ripple included, which is the green trace.
Contrary to the HS turn-off, the inductor current starts to flow through the LS body-diode during the deadtime
and then through the LS, when enabled by the anti-cross conduction circuitry. At the same time, the blue-dotted
trace current, flowing from VCC to the LX node grounded, restores the HS gate charge spent during TON on the
bootstrap capacitor and compensates for the HS driver current consumption.
The quoted switched currents may generate voltage spikes caused by inductive parasitic components related to
the PCB board traces and package bonding wires of the external power components.
L3751
PCB board layout
DS13841 - Rev 1
page 28/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com