Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3751 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 18Page - STMicroelectronics L3751 Datasheet HTML 19Page - STMicroelectronics L3751 Datasheet HTML 20Page - STMicroelectronics L3751 Datasheet HTML 21Page - STMicroelectronics L3751 Datasheet HTML 22Page - STMicroelectronics L3751 Datasheet HTML 23Page - STMicroelectronics L3751 Datasheet HTML 24Page - STMicroelectronics L3751 Datasheet HTML 25Page - STMicroelectronics L3751 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Both levels compensated with the 4500 ppm/°C thermal coefficient.
As a consequence, assuming VILIM ≈ 0, the RILIM value can be calculated as:
RILIM≈Rx∙IVY_MAX
IILIM = RxIILIM∙ IO_MAX−∆IL2
(7)
where the sensed inductor current IVY_MAX can be expressed in terms of IO_MAX DC output current and the
inductor current ripple ∆IL for simplicity.
L3751
Overcurrent protection
DS13841 - Rev 1
page 22/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com