Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9396 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 34Page - STMicroelectronics L9396 Datasheet HTML 35Page - STMicroelectronics L9396 Datasheet HTML 36Page - STMicroelectronics L9396 Datasheet HTML 37Page - STMicroelectronics L9396 Datasheet HTML 38Page - STMicroelectronics L9396 Datasheet HTML 39Page - STMicroelectronics L9396 Datasheet HTML 40Page - STMicroelectronics L9396 Datasheet HTML 41Page - STMicroelectronics L9396 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 109 page
background image
Pre-drivers
L9396
38/109
DS12539 Rev 6
4.2
Pump motor pre-driver
The device can drive a pump motor through this pre-driver for external FETs. It provides pre-
driver circuitry for the motor high-side FET and the motor recirculation FET.
The PDG gate drive signal is referenced to PDS, and the pre-driver pair shall be able to float
below the logic ground voltage, while keeping full on/off control on the external FET. This is
required to prevent the FET from being partially turned on in the case of a ground offset
between ECU and motor ground, or in case of loss of ECU ground.
Similarly, the PRG gate drive signal shall be referenced to PRS, and the pre-driver pair shall
be able to float below the logic ground voltage, while keeping full on/off control on the
external recirculation FET.
The motor FET pre-drivers shall be controlled by logic level input pins PDI and PRI, with
logical operation defined as:
The state of the PDI and PRI pins can be observed via SPI.
The device is able to generate software selectable dead time between PDG and PRG
transitions, to prevent cross-conduction on the external FETs.
In order to enable either PDG or PRG the following conditions must be met:
the watchdog reset must not be asserted,
the Enable Motor FET Driver SPI bit must be set,
no device faults preventing PDG or PRG operation must be present.
When disabled, PDG and PRG are driven to their low states.
4.3
Pump motor diagnostics
To enable MCU diagnostics, the device provides an internal pull-up current (IPDS) on PDS
and the PDS voltage can be read by the ADC and available over SPI.
After PDG is turned on, the device monitors the rising differential voltage between PDG and
PDS. If the differential voltage does not exceed the PDG turn-on voltage threshold within the
PDG switching time, the device disables the PDG pre-driver and sets the PDG Turn-On
Fault SPI bit. The device automatically re-enables the PDG pre-driver on the next rising PDI
edge.
After PDG is turned off, the device monitors the falling differential voltage between PDG and
PDS. If the differential voltage does not drop below the PDG turn-off voltage threshold within
the PDG switching time, the device disables both the PDG and PRG pre-drivers, sets the
PDG Turn-Off Fault SPI bit and clears the Enable Motor FET Driver SPI bit. The PDG and
Table 18. Logical operation definition
PDI
PRI
PDG
PRG
High-side FET
Recirculation FET
L
L
L
L
OFF
OFF
H
L
H
L
ON
OFF
L
H
L
H
OFF
ON
H
H
H
L
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com